Electronic Components Datasheet Search
  English  ▼

X  

MA43004 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA43004
Description  Silicon Step Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA43004 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA43004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA43004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA43004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA43004 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA43004 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Silicon Step Recovery Diodes
Rev. V5
MA43000, MA44600 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
Specifications Subject to Change Without Notice.
High Order Step Recovery Diode Varactors for Use in Comb Generation
Part Number
1
Minimum Reverse
Voltage
2
(VR)
Min./Max
Junction
Capacitance
(Cj)
3
Min./Max.
Lifetime
(TL)
Min./Max.
Maximum
Snap Time
(Ts)
4
Maximum
Thermal
Resistance
(
θjc)
Vr=6V
If=10mA/
Ir=6mA
(V)
(pF)
(pS)
(pS)
(°C/W)
MA43592
25-40
0.20-0.30
9-27
90
70
MA43543
20-50
0.20-0.55
10-25
60
125
Output
Frequency
(GHz)
1.00-12.00
2.00-20.00
Maximum
Input
Power
(Watts)
1.0
1.5
Case
Style
30
93
Suggested Design Considerations
Minimum and Suggested Values of Minority Lifetime
(TL) for SRD vs. Multiplier Input Frequency
Approximate Minimum Breakdown Voltage Required
for SRD at Various Output Power Levels vs.
Output Frequency
1.
When ordering, specify the desired case style by adding the case designation as a suffix to the model number. Case styles for the
MA44600 series are -30,-91 and –93. To order chip form, add the suffix “-134” to the model number. The nominal chip size for the
MA44600 series is 15 mils.
2.
Reverse voltage (VR) is measured at a reverse bias current of 10µA.
3.
Junction capacitance is measured at a reverse voltage of 6V and a frequency of 1MHz.
4.
Transition time is measured between 20% and 80% points on the voltage recovery trace. Test conditions are +10mA and –10 volts.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com