Electronic Components Datasheet Search
  English  ▼

X  

MA43004 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA43004
Description  Silicon Step Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA43004 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA43004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA43004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA43004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA43004 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA43004 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Silicon Step Recovery Diodes
Rev. V5
MA43000, MA44600 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Case Styles
DIM.
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.119
0.127
3.02
3.23
B
0.115
0.129
2.92
3.28
C
0.060
0.064
1.52
1.63
D
0.060
0.062
1.52
1.57
E
0.077
0.083
1.96
2.11
F
0.016
0.024
0.41
0.61
G
0.055
0.065
1.40
1.65
CP = 0.30 pF Typical
LS = 0.40 nH Typical
DIM.
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.059
0.069
1.50
1.75
B
0.070
0.080
1.78
2.03
C
0.047
0.053
1.19
1.35
D
—
0.015
—
0.38
E
0.040
0.050
1.02
1.27
F
0.004
0.010
0.10
0.25
G
0.024
0.026
0.61
0.66
CP = 0.15 pF Typical
LS = 0.17 nH Typical
DIM.
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.119
0.127
3.02
3.23
B
0.188
0.208
4.78
5.28
C
0.016
0.024
0.41
0.61
D
0.058
0.071
1.47
1.80
E
0.098
0.102
2.49
2.59
F
0.009
0.011
0.23
0.28



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com