Electronic Components Datasheet Search
  English  ▼

X  

DL-DMJ Datasheet(PDF) 2 Page - DDK Ltd.

Part # DL-DMJ
Description  Coaxial Non-Reflection Terminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DL-DMJ Datasheet(HTML) 2 Page - DDK Ltd.

  DL-DMJ Datasheet HTML 1Page - DDK Ltd. DL-DMJ Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
http://www.ddknet.co.jp
DL Series
2
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ DM Series
○ N Series
○ BNC Series
○ SSMA Series
○ PDM Series
Characteristic Impedance : 50 Ω
Frequency Range : DC ∼ 10GHz
VSWR : 1.1 max.
Power : 0.25W max.
Characteristic Impedance : 50 Ω
Frequency Range : DC ∼ 10GHz
VSWR : 1.1 max.
Power : 0.25W max.
Characteristic Impedance : 50 Ω
Frequency Range : DC ∼ 10GHz
VSWR : 1.1 max. (DC ∼ 3GHz)
    :1.15 max. (DC ∼ 10GHz)
Power : 0.25W max.
CHaracteristic Impedance : 50 Ω
Frequency Range : DC ∼ 10GHz
VSWR : 1.1 max. (DC ∼ 3GHz)
    : 1.2 max. (DC ∼ 10GHz)
Power : 1W max.
Characteristic Impedance : 50 Ω
Frequency Range : DC ∼ 4GHz
VSWR : 1.1 max.
Power : 1W max.
(16.10)
DL-DMJ
(17.11)
DL-DMP-4
(16.40)
DL-SSMAP
DL-SSMAJ
(15.37)
(21.87)
DL-PDMP-1
(27.10)
DL-NP
 
(27.1)
DL-BNCP
Plug
Jack
Plug
Jack



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com