Electronic Components Datasheet Search
  English  ▼

X  

DL-DMJ Datasheet(PDF) 1 Page - DDK Ltd.

Part # DL-DMJ
Description  Coaxial Non-Reflection Terminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DL-DMJ Datasheet(HTML) 1 Page - DDK Ltd.

  DL-DMJ Datasheet HTML 1Page - DDK Ltd. DL-DMJ Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
Compact and wide-band terminators that is installed the chip resister.
・ The frequency range is wide and applicable to various applications.
・ Applicable connector styles are SMA(DM series), BNC, N, SSMA and PDM series(DDK original interface). 
 ※ Available other connector styles upon your request. 
・ Operating Temperature is from -40℃ to 70℃ (Humidity: 95% max.)
DL Series
Coaxial Non-Reflection Terminator
RoHS
Compliant
RoHS
Compliant
Part Number
Outer Conductor
Contact
Insulator
DL-DMP-4
Copper Alloy / Ni Plating
Copper Alloy / Au Plating
PTFE
DL-DMJ
DL-SSMAP
Stainless Steel / Gold Plating
DL-SSMAJ
DL-PDMP-1
Copper Alloy / Ni Plating
DL-NP
DL-BNCP
090703
OUTLINE
FEATURE
MATERIAL / FINISH


Similar Part No. - DL-DMJ

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DL-DMJ DDK-DL-DMJ Datasheet
979Kb / 2P
Coaxial Non-Reflection Terminator
More results

Similar Description - DL-DMJ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A25 SHARP-GP2A25 Datasheet
41Kb / 3P
Light Modulation, Reflection Type Photointerrupter
logo
Dallas Semiconductor
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
SCSI Terminator
logo
Everlight Electronics C...
ITR8307 EVERLIGHT-ITR8307 Datasheet
250Kb / 9P
LIGHT REFLECTION SWITCH
logo
List of Unclassifed Man...
UT180020 ETC-UT180020 Datasheet
177Kb / 4P
Diffuse reflection sensor (analogue/digital)
logo
Dallas Semiconductor
DS21T06 DALLAS-DS21T06 Datasheet
114Kb / 6P
SCSI Terminator
DS2107A DALLAS-DS2107A Datasheet
94Kb / 7P
SCSI Terminator
logo
CTS Corporation
VME64 CTS-VME64 Datasheet
61Kb / 2P
Terminator
logo
OPLINK Communications I...
MVOA1310R0021H1 OPLINK-MVOA1310R0021H1 Datasheet
210Kb / 2P
Mechanical Variable Optical Attenuator Reflection Type
logo
DDK Ltd.
DL-SERIES DDK-DL-SERIES Datasheet
979Kb / 2P
Coaxial Non-Reflection Terminator
logo
Omron Electronics LLC
2MDR01-85B1A OMRON-2MDR01-85B1A Datasheet
569Kb / 6P
High Visibility, Double Reflection LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com