Electronic Components Datasheet Search
  English  ▼

X  

MS5540C Datasheet(PDF) 4 Page - Intersema Sensoric SA

Part # MS5540C
Description  MINIATURE BAROMETER MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5540C Datasheet(HTML) 4 Page - Intersema Sensoric SA

  MS5540C Datasheet HTML 1Page - Intersema Sensoric SA MS5540C Datasheet HTML 2Page - Intersema Sensoric SA MS5540C Datasheet HTML 3Page - Intersema Sensoric SA MS5540C Datasheet HTML 4Page - Intersema Sensoric SA MS5540C Datasheet HTML 5Page - Intersema Sensoric SA MS5540C Datasheet HTML 6Page - Intersema Sensoric SA MS5540C Datasheet HTML 7Page - Intersema Sensoric SA MS5540C Datasheet HTML 8Page - Intersema Sensoric SA MS5540C Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DA5540C_003
June 16th, 2008
4
0005540C1193 ECN 1118
ELECTRICAL CHARACTERISTICS
DIGITAL INPUTS
(T = -40°C .. 85°C, VDD = 2.2 V .. 3.6 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
80% VDD
100% VDD
V
Input Low Voltage
VIL
0% VDD
20% VDD
V
Signal Rise Time
tr
200
ns
Signal Fall Time
tf
200
ns
DIGITAL OUTPUTS
(T = -40°C .. 85°C, VDD = 2.2 V .. 3.6 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output High Voltage
VOH
Isource = 0.6 mA
80% VDD
100% VDD
V
Output Low Voltage
VOL
Isink = 0.6 mA
0% VDD
20% VDD
V
Signal Rise Time
tr
200
ns
Signal Fall Time
tf
200
ns
AD-CONVERTER
(T = -40°C .. 85°C, VDD = 2.2 V .. 3.6 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution
16
Bit
Linear Range
4000
40000
LSB
Conversion Time
MCLK = 32.768
kHz
35
ms
INL
Within linear
range
-5
+5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com