Electronic Components Datasheet Search
  English  ▼

X  

MS5540C Datasheet(PDF) 6 Page - Intersema Sensoric SA

Part # MS5540C
Description  MINIATURE BAROMETER MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5540C Datasheet(HTML) 6 Page - Intersema Sensoric SA

Back Button MS5540C Datasheet HTML 2Page - Intersema Sensoric SA MS5540C Datasheet HTML 3Page - Intersema Sensoric SA MS5540C Datasheet HTML 4Page - Intersema Sensoric SA MS5540C Datasheet HTML 5Page - Intersema Sensoric SA MS5540C Datasheet HTML 6Page - Intersema Sensoric SA MS5540C Datasheet HTML 7Page - Intersema Sensoric SA MS5540C Datasheet HTML 8Page - Intersema Sensoric SA MS5540C Datasheet HTML 9Page - Intersema Sensoric SA MS5540C Datasheet HTML 10Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DA5540C_003
June 16th, 2008
6
0005540C1193 ECN 1118
TYPICAL PERFORMANCE CURVES
ADC-value D1 vs Pressure (typical)
6000
8000
10000
12000
14000
16000
18000
20000
22000
0
100
200
300
400
500
600
700
800
900
1000
1100
Pressure (mbar)
-40°C
25°C
85°C
ADC-value D2 vs Temperature (typical)
15000
20000
25000
30000
35000
40000
-40
-20
0
20
40
60
80
Temperature (°C)
Absolute Pressure Accuracy after Calibration, 2nd order compensation
-4
-3
-2
-1
0
1
2
3
4
0
100
200
300
400
500
600
700
800
900
1000
1100
Pressure (mbar)
85°C
60°C
25°C
0°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com