Electronic Components Datasheet Search
  English  ▼

X  

D45C Datasheet(PDF) 1 Page - Motorola, Inc

Part # D45C
Description  4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

D45C Datasheet(HTML) 1 Page - Motorola, Inc

  D45C Datasheet HTML 1Page - Motorola, Inc D45C Datasheet HTML 2Page - Motorola, Inc D45C Datasheet HTML 3Page - Motorola, Inc D45C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Power
Transistor
. . . for general purpose driver or medium power output stages in CW or switching
applications.
• Low Collector–Emitter Saturation Voltage — 0.5 V (Max)
• High ft for Good Frequency Response
• Low Leakage Current
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
80
Vdc
Collector–Emitter Voltage
VCES
90
Vdc
Emitter Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak (1)
IC
4.0
6.0
Adc
Total Power Dissipation @ TC = 25_C
Total Power Dissipation @ TA = 25_C
PD
30
1.67
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 55 to 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
4.2
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
75
_C/W
Maximum Lead Temperature for Soldering Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Width
v 6.0 ms, Duty Cycle v 50%.
ELECTRICAL CHARACTERISTICS (TJ = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
DC Current Gain
(VCE = 1.0 Vdc, IC = 0.2 Adc)
(VCE = 1.0 Vdc, IC = 1.0 Adc)
(VCE = 1.0 Vdc, IC = 2.0 Adc)
hFE
40
20
20
120
—
—
—
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by D45C/D
© Motorola, Inc. 1995
D45C
4.0 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
80 VOLTS
PNP
CASE 221A–06
TO–220AB
(REPLACES D44C)


Similar Part No. - D45C

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
D45C SAVANTIC-D45C Datasheet
92Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
D45C ISC-D45C Datasheet
133Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
D45C SAVANTIC-D45C Datasheet
94Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
D45C NJSEMI-D45C Datasheet
645Kb / 3P
With TO-220 package
logo
Boca Semiconductor Corp...
D45C1 BOCA-D45C1 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - D45C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJE4342 MOTOROLA-MJE4342 Datasheet
197Kb / 6P
16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE700 ONSEMI-MJE700_06 Datasheet
84Kb / 6P
4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
BD241C ONSEMI-BD241C_11 Datasheet
155Kb / 6P
Complementary Silicon Plastic Power Transistors 80??00 VOLTS
October, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com