Electronic Components Datasheet Search
  English  ▼

X  

D45C Datasheet(PDF) 2 Page - Motorola, Inc

Part # D45C
Description  4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

D45C Datasheet(HTML) 2 Page - Motorola, Inc

  D45C Datasheet HTML 1Page - Motorola, Inc D45C Datasheet HTML 2Page - Motorola, Inc D45C Datasheet HTML 3Page - Motorola, Inc D45C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D45C
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector Cutoff Current
(VCE = Rated VCES, VBE = 0)
ICES
—
—
0.1
µA
Emitter Cutoff Current
(VEB = 5.0 Vdc)
IEBO
—
—
10
µA
ON CHARACTERISTICS
Collector–Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 50 mAdc)
VCE(sat)
—
0.135
0.5
Vdc
Base–Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 100 mAdc)
VBE(sat)
—
0.85
1.3
Vdc
DYNAMIC CHARACTERISTICS
Collector Capacitance
(VCB = 10 Vdc, f = 1.0 MHz)
Ccb
—
125
—
pF
Gain Bandwidth Product
(IC = 20 mA, VCE = 4.0 Vdc, f = 20 MHz)
fT
—
40
—
MHz
SWITCHING TIMES
Delay and Rise Times
(IC = 1.0 Adc, IB1 = 0.1 Adc)
td + tr
—
50
75
ns
Storage Time
(IC = 1.0 Adc, IB1 = IB2 = 0.1 Adc)
ts
—
350
550
ns
Fall Time
(IC = 1.0 Adc, IB1 = IB2 = 0.1 Adc)
tf
—
50
75
ns
200
0.04
Figure 1. Typical DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
20
0.07 0.1
0.2
0.3
1.0
2.0
4.0
70
50
40
30
80
60
0.4
0.7
100
VCE = 1.0 Vdc
TJ = 25°C
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
1.0
0.01
dc
1.0
µs
2.0
0.1 ms
10
20
100
0.2
5.0
TC ≤ 70°C
DUTY CYCLE
≤ 50%
Figure 2. Maximum Rated Forward Bias
Safe Operating Area
90
3.0
1.0 ms
10
µs
0.02
0.03
0.05
0.3
0.1
0.5
2.0
3.0
5.0
3.0
7.0
30
50
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com