Electronic Components Datasheet Search
  English  ▼

X  

MPC235 Datasheet(PDF) 13 Page - Megawin Technology Co., Ltd

Part # MPC235
Description  Low-Speed USB Micro-Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC235 Datasheet(HTML) 13 Page - Megawin Technology Co., Ltd

Back Button MPC235 Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 17Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
MEGAWIN
MPC235 Data Sheet
13
Watchdog Timer (WDT)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00DEH
WDT_ST
RSTS
-
-
-
WDT 3WDT 2WDT 1
WDT 0
√
-
00DFH
WDT_CLR
CLR
-
-
-
-
-
-
-
-
√
WDT[3:0] : Contents of WDT
RSTS: WDT reset status, set by hardware when WDT overflows, clear by firmware or hardware
reset
CLR: RSTS clear and WDT reset control bit, program can clear RSTS and reset WDT by writing
“1” into this bit
The watchdog timer (WDT) is organized as a 4-bit counter designed to prevent the program from
unknown errors.
If the WDT overflows, the WDT reset function will be performed.
RSTS (Bit 7
of WDT_ST) is set by hardware when the WDT overflows and is cleared by hardware reset or
writing 1 to bit 7 of WDT_CLR.
The interval of WDT to cause reset is about 0.7s at 6MHz
external oscillator.
Programming one into the bit 7 of WDT_CLR register can reset the contents
of the WDT.
In normal operation, the application program must reset WDT before it overflows. A
WDT overflow indicates that operation is not under control and the chip will be reset. The
organization of the watchdog timer is shown as below
Overflow signal
WDT
Qw1
Qw2
Qw4
Qw3
RR
RR
System Reset
S
R
Q
Hardware reset
WDT_CLR.7 <- 8XH
WDT_ST.7
Fosc/2^18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com