Electronic Components Datasheet Search
  English  ▼

X  

MPC235 Datasheet(PDF) 28 Page - Megawin Technology Co., Ltd

Part # MPC235
Description  Low-Speed USB Micro-Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC235 Datasheet(HTML) 28 Page - Megawin Technology Co., Ltd

Back Button MPC235 Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 28Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 29Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 30Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 31Page - Megawin Technology Co., Ltd MPC235 Datasheet HTML 32Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
28
MPC235 Data Sheet
MEGAWIN
Port 2
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D2H
P2_BUF
BP27
BP26
BP25
BP24
BP23
BP22
BP21
BP20
√
√
00DAH
P2
P27
P26
P25
P24
P23
P22
P21
P20
√
-
0248H
P2_CR
CP27
CP26
CP25
CP24
CP23
CP22
CP21
CP20
√
√
0249H
P2_MR
-
-
MP25
MP24
-
-
MP21
MP20
√
√
Port 2 is an 8-bit I/O port; refer to port 0 for more information.
P2_BUF: Port 2 output buffer. When P2.n is configured as an output pin, it outputs the content of
P2_BUF.n.
P2: Port 2 pad value.
P2_CR: P2.0 ~ P2.7 is input or output. 0: input, 1: output
P2_MR: P2.0 ~ P2.7, pull-high and CMOS/NMOS
Port 3
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D3H
P3_BUF
BP37
BP36
BP35
BP34
BP33
BP32
BP31
BP30
√
√
00D9H
P3
P37
P36
P35
P34
P33
P32
P31
P30
√
-
0244H
P3_CR
CP37
CP36
CP35
CP34
CP33
CP32
CP31
CP30
√
√
0245H
P3_MR
-
-
MP35
MP34
-
-
MP31
MP30
√
√
Port 3 is an 8-bit I/O port; refer to port 0 for more information.
P3_BUF: Port 3 output buffer. When P3.n is configured as an output pin, it outputs the content of
P3_BUF.n.
P3: Port 3 pad value.
P3_CR: P3.0 ~ P3.7 is input or output. 0: input, 1: output
P3_MR: P3.0 ~ P3.7, pull-high and CMOS/NMOS
When P3 port is used as input mode, it is an interrupt source, a falling edge at any pin will set the
IRQ_ST.P3.
The same event can release suspend mode (enable oscillator), and release halt
mode (resume Fcpu) if RLH_EN.P3 is set.
An interrupt subroutine will be executed if
IRQ_EN.P3 is set.
Port 4
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D1H
P4_BUF
BP47
BP46
BP45
BP44
BP43
BP42
BP41
BP40
√
√
00DCH
P4
-
-
-
-
-
-
P41
P40
√
-
0250H
P4_CR
-
-
-
-
-
-
CP41
CP40
√
√
0251H
P4_MR
-
-
-
-
-
-
MP41
MP40
√
√
Port 4 is a 2-bit I/O port; refer to port 0 for more information.
P4_BUF: Port 4 output buffer. When P4.n is configured as an output pin, it outputs the content of
P4_BUF.n.
P4: Port 4 pad value.
P4_CR: P4.0 ~ P4.1 is input or output. 0: input, 1: output
P4_MR: P4.0 ~ P4.1, pull-high and CMOS/NMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com