Electronic Components Datasheet Search
  English  ▼

X  

HMC680LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC680LP4
Description  BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC680LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC680LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
13 - 61
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13
HMC680LP4 / 680LP4E
v03.0609
BiCMOS MMIC 5-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
Absolute Maximum Ratings
RF Input Power
20 dBm
RF Output Power
22 dBm
Digital Inputs (B0-B4, Latch Enable)
-0.5 to Vdd +0.5V
Bias Voltage (Vdd)
5.6 V
Channel Temperature
125 °C
Continuous Pdiss (T = 85 °C)
(derate 42 mW/°C above 85 °C)
1.7 W
Thermal Resistance
(channel to ground paddle)
24 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Amp Bias Voltage
Vdd RF (V)
Idd (Typ.) (mA)
5V
244
ATTENUATION (dB)
B4[1]
B3[1]
B2
B1
B0
0
0
0000
1
0
0001
2
0
0010
3
0
0011
4
0
0100
5
0
0101
6
0
0110
7
0
0111
8
0
1000
9
0
1001
10
01010
11
01011
12
01100
13
01101
14
01110
15
01111
16
1
X
000
17
1
X
001
18
1
X
010
19
1
X
011
20
1
X
100
21
1
X
101
22
1
X
110
23
1
X
111
[1] Enabling B4 disables B3, the minimum attenuation is 16 dB
Truth Table
Harmonics vs. Frequency
Supply Current vs. Temperature
-100
-80
-60
-40
-20
0
0
0.1
0.2
0.3
0.4
0.5
0.6
2nd Harmonic
3rd Harmonic
FREQUENCY (GHz)
200
220
240
260
280
4.5
5
5.5
-40C
+25C
+85C
VOLTAGE (V)
Control Interface:
The gain of HMC680LP4(E) is controlled by adjusting the state of the attenuator. The attenuator has a 5-bit parallel
CMOS/TTL compatible interface. State of the attenuator can be set with respect to the truth table above.
Power on sequence:
The ideal power up sequence is: GND, Vdd, Digital inputs, RF inputs. Relative order of the digital inputs is not
important as long as they are powered after VDD/GND.
Control Voltage Table
State
Vdd = +3V
Vdd = +5V
Low
0 to 0.5V @ <1 μA
0 to 0.8V @ <1 μA
High
2 to 3V @ <1 μA
2 to 5V @ <1 μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com