Electronic Components Datasheet Search
  English  ▼

X  

HMC680LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC680LP4
Description  BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC680LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC680LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC680LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
13 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13
HMC680LP4 / 680LP4E
v03.0609
BiCMOS MMIC 5-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
Output IP3 vs. Temperature
(+5 dBm Output Power Per Tone)
Output IP2 vs. Temperature
(+5 dBm Output Power Per Tone)
Relative Phase vs. Frequency
(Only Major States are Shown)
0
5
10
15
20
25
30
35
40
45
50
0
0.1
0.2
0.3
0.4
0.5
0.6
-40C
+25C
+85C
FREQUENCY (GHz)
-40
-20
0
20
40
60
80
0
0.1
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
16, 23 dB
1, 2, 4 dB
8 dB
Noise Figure vs. Attenuation State
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
FREQUENCY (GHz)
8dB
I.L.
4dB
2dB
1dB
Output P1dB vs. Temperature
Step Accuracy vs. Frequency
0
5
10
15
20
25
30
35
40
0
0.1
0.2
0.3
0.4
0.5
0.6
-40C
+25C
+85C
FREQUENCY (GHz)
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
-40C
+25C
+85C
FREQUENCY (GHz)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
1, 2, 4, 23 dB
16 dB
8 dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com