Electronic Components Datasheet Search
  English  ▼

X  

DAP222 Datasheet(PDF) 1 Page - Motorola, Inc

Part # DAP222
Description  SOT-416/SC-90 PACKAGE COMMON ANODE DUAL SWITCHING DIODE SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DAP222 Datasheet(HTML) 1 Page - Motorola, Inc

  DAP222 Datasheet HTML 1Page - Motorola, Inc DAP222 Datasheet HTML 2Page - Motorola, Inc DAP222 Datasheet HTML 3Page - Motorola, Inc DAP222 Datasheet HTML 4Page - Motorola, Inc DAP222 Datasheet HTML 5Page - Motorola, Inc DAP222 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Common Anode Silicon
Dual Switching Diode
This Common Anode Silicon Epitaxial Planar Dual Diode is designed for use in ultra
high speed switching applications. This device is housed in the SOT–416/SC–90
package which is designed for low power surface mount applications, where board
space is at a premium.
• Fast trr
• Low CD
• Available in 8 mm Tape and Reel
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
80
Vdc
Peak Reverse Voltage
VRM
80
Vdc
Forward Current
IF
100
mAdc
Peak Forward Current
IFM
300
mAdc
Peak Forward Surge Current
IFSM(1)
2.0
Adc
DEVICE MARKING
DAP222 = P9
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
– 55 ~ + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current
IR
VR = 70 V
—
0.1
µAdc
Forward Voltage
VF
IF = 100 mA
—
1.2
Vdc
Reverse Breakdown Voltage
VR
IR = 100 µA
80
—
Vdc
Diode Capacitance
CD
VR = 6.0 V, f = 1.0 MHz
—
3.5
pF
Reverse Recovery Time
trr(2)
IF = 5.0 mA, VR = 6.0 V, RL = 100 Ω, Irr = 0.1 IR
—
4.0
ns
1. t = 1
µS
2. trr Test Circuit on following page.
Thermal Clad is a trademark of the Bergquist Company
Order this document
by DAP222/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
DAP222
SOT–416/SC–90 PACKAGE
COMMON ANODE
DUAL SWITCHING DIODE
SURFACE MOUNT
CASE 463–01, STYLE 4
SOT–416/SC–90
1
2
3
ANODE
3
12
CATHODE
© Motorola, Inc. 1996
REV 1


Similar Part No. - DAP222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Diodes Incorporated
DAP222 DIODES-DAP222 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAP222 ROHM-DAP222 Datasheet
530Kb / 3P
Switching diode
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
TRANSYS Electronics Lim...
DAP222 TEL-DAP222 Datasheet
57Kb / 1P
Plastic-Encapsulated Diode
More results

Similar Description - DAP222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAN222 MOTOROLA-DAN222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE SURFACE MOUNT
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
CASE 463-01, STYLE 1 SOT-416/SC-90
DTC114TE MOTOROLA-DTC114TE Datasheet
91Kb / 4P
CASE 463-01, STYLE 1 SOT-416/SC-90
DTC114YE MOTOROLA-DTC114YE Datasheet
144Kb / 6P
CASE 463-01, STYLE 1 SOT-416/SC-90
M1MA141WAT1 MOTOROLA-M1MA141WAT1 Datasheet
97Kb / 6P
SC-70/SOT-323 PACKAGE COMMON ANODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
M1MA141WKT1 MOTOROLA-M1MA141WKT1 Datasheet
99Kb / 6P
SC-70/SOT-323 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
logo
Rectron Semiconductor
BAW56 RECTRON-BAW56 Datasheet
18Kb / 1P
SURFACE MOUNT, DUAL 1N4148 COMMON ANODE DIODE
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
logo
SeCoS Halbleitertechnol...
BAW56 SECOS-BAW56_15 Datasheet
504Kb / 2P
Dual Chips Common Anode Surface Mount Switching Diode
logo
ON Semiconductor
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com