Electronic Components Datasheet Search
  English  ▼

X  

DAP222 Datasheet(PDF) 2 Page - Motorola, Inc

Part # DAP222
Description  SOT-416/SC-90 PACKAGE COMMON ANODE DUAL SWITCHING DIODE SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DAP222 Datasheet(HTML) 2 Page - Motorola, Inc

  DAP222 Datasheet HTML 1Page - Motorola, Inc DAP222 Datasheet HTML 2Page - Motorola, Inc DAP222 Datasheet HTML 3Page - Motorola, Inc DAP222 Datasheet HTML 4Page - Motorola, Inc DAP222 Datasheet HTML 5Page - Motorola, Inc DAP222 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DAP222
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.75
0
VR, REVERSE VOLTAGE (VOLTS)
1.5
1.25
1.0
0.75
24
6
8
Figure 1. Forward Voltage
Figure 2. Reverse Current
Figure 3. Diode Capacitance
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
TA = 85°C
TA = – 40°C
TA = 25°C
A
RL
tr
tp
t
10%
90%
VR
tp = 2 µs
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 5.0 mA
VR = 6 V
RL = 100 Ω
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com