Electronic Components Datasheet Search
  English  ▼

X  

MG87FE52AP Datasheet(PDF) 13 Page - Megawin Technology Co., Ltd

Part # MG87FE52AP
Description  8 bits microcontroller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG87FE52AP Datasheet(HTML) 13 Page - Megawin Technology Co., Ltd

Back Button MG87FE52AP Datasheet HTML 9Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 10Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 11Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 12Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 13Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 14Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 15Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 16Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 17Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Megawin Technology Co., Ltd.
MG87FE/L52
CKCON2 Register (0xBF)
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CKCON2
OSCDR
EN6TR
XCKS5
XCKS4
XCKS3
XCKS2
XCKS1
XCKS0
OSCDR
=0, the gain of crystal oscillator is enough for oscillation up to 48MHz.
=1, the gain of crystal oscillator is reduced. It will helpful in EMI reduction.
Regarding application not needing high frequency clock, it is recommended to do
so.
EN6TR
=0, MG87FE/L52 will run in 12T mode;
=1, MG87FE/L52 will run in 6T mode. It gets double performance than 12T.
The default value of this bit is load from Option Setting “EN6T”.
XCKS5~0
Set the crystal frequency value to define the time base of ISP/IAP programming.
Fill in the proper value according to XTAL1 as listed below.
XTAL1 @ 12T
XTAL1 @ 6T
XCKS5~0 setting
1MHz
0.5MHz
000000B
2MHz
1MHz
000001B
3MHz
1.5MHz
000010B
4MHz
2MHz
000011B
………..
………..
………..
45MHz
22.5MHz
101100B
46MHz
23MHz
101101B
47MHz
23.5MHz
101110B
48MHz
24MHz
101111B
The default value of XCKS=001010B for XTAL1=11MHz @ 12T.
Preliminary
ver 1.3
Date: 2009-JAN-20
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com