Electronic Components Datasheet Search
  English  ▼

X  

MG87FE52AP Datasheet(PDF) 21 Page - Megawin Technology Co., Ltd

Part # MG87FE52AP
Description  8 bits microcontroller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG87FE52AP Datasheet(HTML) 21 Page - Megawin Technology Co., Ltd

Back Button MG87FE52AP Datasheet HTML 17Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 18Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 19Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 20Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 21Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 22Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 23Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 24Page - Megawin Technology Co., Ltd MG87FE52AP Datasheet HTML 25Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Megawin Technology Co., Ltd.
MG87FE/L52
Auto-Reload Up-Only Mode (ARUO)
In ARUO mode, Timer2 can be configured to count up with a software-defined value to be
reloaded. When reset is applied the DCEN =0 and CP/RL2=0, Timer2 is at ARUO mode. An
overflow on Timer2 or 1-to-0 transition on T2EX pin will load RCAP2H and RCAP2L contents
onto Timer2, also set TF2 and EXF2, respectively.
Auto-Reload Up-Down Mode (ARUD)
In ARUD mode, Timer2 can be configured to count up or down. When DCEN =1 and CP/RL2=0,
Timer2 is at ARUD mode. The counting direction is determined by T2EX pin. If T2EX=1,
counting up, otherwise counting down. An overflow on Timer2 will set TF2 and toggle EXF2.
EXF2 can not generate interrupt request in this mode. If the counting direction is DOWN, the
overflow loads 0xFFFF onto Timer2 and loads RCAP2H, RCAP2L contents onto Timer2 if
counting direction is UP.
Preliminary
ver 1.3
Date: 2009-JAN-20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com