Electronic Components Datasheet Search
  English  ▼

X  

MABAES0040 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0040
Description  E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0040 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABAES0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V1.00
3 turns
Features
• Surface Mount
• 2:1 Impedance Ratio
• CT on Secondary
• Available on Tape & Reel
Description
M/A-COM’s MABAES0040 is a 2:1 RF flux coupled transformer in
a low cost, surface mount package. Ideally suited for high volume
cellular and wireless applications. Typical applications include
single to balanced mode conversion and impedance matching.
SM-138 Package
E-Series RF 2:1 Flux Coupled Transformer
1.0 - 350 MHz
MABAES0040
Schematic
Electrical Specifications @25°C
Parameter
Units
Nominal
Maximum
Minimum
Typical
Frequency Range 1.0 - 350
MHz
—
—
—
—
Insertion Loss
1- 150 MHz
150 - 250 MHz
dB
dB
—
—
1.0
2.0
—
—
0.7
1.6
Amplitude Unbalance
1 - 150 MHz
150 - 250 MHz
250 - 350 MHz
dB
dB
dB
—
—
—
0.5
1.0
2.0
—
—
—
0.3
0.7
1.5
Phase Unbalance
1 - 250 MHz
250 - 350 MHz
Degrees
Degrees
—
—
5
12
—
—
2.5
8
Primary Dot 5
Primary 4
1 Secondary Dot
3 Secondary
2 Secondary CT
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MABAES0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABAES0040 MACOM-MABAES0040 Datasheet
40Kb / 2P
E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz
More results

Similar Description - MABAES0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABAES0031 MACOM-MABAES0031 Datasheet
47Kb / 2P
E-Series RF 4:1 Flux Coupled Transformer 1.0 - 650 MHz
MABAES0040 MACOM-MABAES0040 Datasheet
40Kb / 2P
E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz
MABAES0060 MACOM-MABAES0060 Datasheet
68Kb / 3P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
ETC1-1T MACOM-ETC1-1T_1 Datasheet
63Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
logo
M/A-COM Technology Solu...
MABAES0031 MA-COM-MABAES0031 Datasheet
81Kb / 2P
E-Series RF 4:1 Flux Coupled Transformer 1.0 - 650 MHz
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
MABAES0060-V6 MA-COM-MABAES0060-V6 Datasheet
867Kb / 4P
E-Series RF 1:1 Flux Coupled Transformer
MABAES0060 MA-COM-MABAES0060_15 Datasheet
867Kb / 4P
E-Series RF 1:1 Flux Coupled Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com