Electronic Components Datasheet Search
  English  ▼

X  

MABAES0040 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0040
Description  E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0040 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABAES0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V1.00
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Functional Configuration
Function
Pin No.
Secondary
3
Secondary CT
2
Secondary Dot
1
Primary Dot
5
Primary
4
Insertion Loss
Typical Performance
Phase Unbalance
Amplitude Unbalance
Note: All measurements performed on Hewlett Packard 8753D Network Analyzer (201 sample points, linear scale) in a 50 ohm coplanar
waveguide environment. Tables created using MDS software.
MABAES0040
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1
59
117
175
233
292
350
Frequency (MHz)
Options
160.0
165.0
170.0
175.0
180.0
185.0
190.0
195.0
200.0
1
59
117
175
233
292
350
Frequency (MHz)
Options
-0.5
0.0
0.5
1.0
1.5
2.0
1
59
117
175
233
292
350
Frequency (MHz)
Options



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com