Electronic Components Datasheet Search
  English  ▼

X  

HMC783LP6CE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC783LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC783LP6CE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC783LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 30
HMC783LP6CE
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 11.5 - 12.5 GHz
v00.0609
Functional Diagram
Features
• RF Bandwidth: 11.5 GHz to 12.5 GHz
• Fractional or Integer Modes
• Ultra Low Phase Noise
12 GHz; 50 MHz Ref.
-95 / -99 dBc/Hz @ 10 kHz (Frac / Int)
-134 dBc/Hz @ 1 MHz (Open Loop)
• Figure of Merit (FOM)
-221 / -226 dBc/Hz (Frac / Int)
• 24 bit Step Size, Resolution 3 Hz typ
• 225 MHz, 14-bit reference path input
• Direct FSK Modulation Mode
• Cycle Slip Prevention
• Read / Write Serial Port, Chip ID
• 40 Lead 6x6mm SMT Package: 36mm2
Typical Applications
• VSAT Radio
• Point-to-Point / Multi-Point Radio
• Test Equipment & Industrial Control
• Military End-Use
• Phased Array Applications
[1] Please refer to the pin description table for details


Similar Part No. - HMC783LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
787Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO, 11.5 - 12.5 GHz
logo
Analog Devices
HMC783LP6CE AD-HMC783LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC783LP6CE HITTITE-HMC783LP6CE_10 Datasheet
787Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC783LP6CE HITTITE-HMC783LP6CE_11 Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO, 11.5 - 12.5 GHz
More results

Similar Description - HMC783LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC764LP6CE HITTITE-HMC764LP6CE Datasheet
678Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
HMC765LP6CE HITTITE-HMC765LP6CE Datasheet
677Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
644Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
HMC764LP6CE HITTITE-HMC764LP6CE_10 Datasheet
801Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
HMC765LP6CE HITTITE-HMC765LP6CE_10 Datasheet
807Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC783LP6CE HITTITE-HMC783LP6CE_10 Datasheet
787Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC783LP6CE HITTITE-HMC783LP6CE_11 Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO, 11.5 - 12.5 GHz
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
Fractional-N Synthesizer Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com