Electronic Components Datasheet Search
  English  ▼

X  

HMC783LP6CE Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC783LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC783LP6CE Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC783LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 12Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 13Page - Hittite Microwave Corporation HMC783LP6CE Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 42
Item
Description
J1
Dual Row Terminal Strip
J2, J3
PCB Mount SMA RF Connector
JP1 - JP6
Single Row Terminal Strip
C1, C21, C38 - C39, C60
1000 pF Capacitor, 0402 Pkg.
C2, C5, C6, C8, C10, C13, C16,
C19, C22, C24, C26, C51, C55
10 pF Capacitor, 0402 Pkg.
C3, C7, C9, C11, C12, C14, C18, C20, C23,
C25, C27 - C29, C34 - C36, C40 - C43,
C46, C50, C52, C54, C56
0.1 μF Capacitor, 0402 Pkg.
C4, C17, C32, C45, C48,
C49, C53, C68, C74
4.7 μF Capacitor, 0805 Pkg.
C15, C31
100 pF Capacitor, 0402 Pkg.
C44, C67
1200 pF Capacitor, 0402 Pkg.
C33
1500 pF Capacitor, 0402 Pkg.
C37
0.039 μF Capacitor, 0603 Pkg.
C47, C73
10,000 pF Capacitor, 0402 Pkg.
C57
22 μF Tantalum Capacitor, Case D
C58, C59
4.7 μF Tantalum Capacitor, Case B
C61
3900 pF Capacitor, 0402 Pkg.
FB1 - FB4
1000 Ohm 200 mA Ferrite Chip, 0805 Pkg.
R1, R8
100k Ohm Resistor, 0402 Pkg.
R2, R7
120 Ohm Resistor, 0402 Pkg.
R3, R17, R20, R41
1k Ohm Resistor, 0402 Pkg.
R4
620 Ohm Resistor, 0402 Pkg.
R5, R14, R15, R18, R19
10k Ohm Resistor, 0402 Pkg.
R6
56 Ohm Resistor, 0402 Pkg.
R9
10 Ohm Resistor, 0402 Pkg.
R10, R22, R23
Zero Ohm Resistor, 0402 Pkg.
R11, R16, R40
4.02k Ohm Resistor, 0402 Pkg.
R13
182 Ohm Resistor, 0402 Pkg.
R21
30 Ohm Resistor, 0402 Pkg.
TP1 - TP6
Test Point PC Compact SMT
U1
HMC783LP6CE Fractional-N Synthesizer,
with Integrated VCO
U2, U4, U6
Low Noise 3.3V, 100 mA Linear Regulator
U5
Low Noise Op-Amp, THS4031IDGN
U8, U9
5V, 800mA Voltage Regulator
Y2
3.3V, 50 MHz VCXO Crystal Oscillator
PCB [2]
125536 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25FR and FR4
List of Materials for Evaluation PCB 127272 [1]
HMC783LP6CE
v00.0609
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 11.5 - 12.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com