Electronic Components Datasheet Search
  English  ▼

X  

MASW20000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW20000
Description  GaAs SPDT Switch DC - 20 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW20000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW20000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW20000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW20000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW20000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
DC - 20 GHz
Rev. V5
MASW20000
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Very Broadband Performance
• Low Insertion Loss: 1.75 dB Typical @ 18 GHz
• High Isolation: 50 dB Typical @ 18 GHz
• Fast Switching Speed: 2 ns Typical
• Reflective Configuration
• Ultra Low DC Power Consumption
• Via Hole Grounding
Description
M/A-COM’s MASW20000 is a versatile, high
isolation SPDT switch.
Designed on M/A-COM’s
mature 1-micron MESFET process, this parts is ideal
for modules or other packaging for use in the
Cellular, GPS, LAN and infrastructure markets.
Demonstrating performance up to 20 GHz, the
MASW20000 will perform well in many types of
applications within that range.
Ordering Information
1
Part Number
Package
MASW20000
Die
1. Die quantity varies.
Bond Pad Dimensions
Bond Pad
Dimension Inches (mm)
RF, RF1, RF2
0.004 x 0.004 (0.100 x 0.100)
A1, A2, B1, B2
0.004 x 0.004 (0.100 x 0.100)
DIE Size
0.083 x 0.035 x 0.004
(2.10 x 0.89 x 0.10)
Absolute Maximum Ratings
2
Parameter
Absolute Maximum
Control Voltage
(A1/B2 or A2/B1)
-8.5 VDC
Input RF Power
+34 dBm
Operating Temperature
+175°C
Storage Temperature
-65°C to +175°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Schematic
Pad Layout
GND
GND
RF
GND
GND
RF2
GND
GND
RF1
A1
B2
B1
A2


Similar Part No. - MASW20000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW20000 MACOM-MASW20000 Datasheet
87Kb / 2P
GaAs SPDT Switch DC - 20 GHz
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch
MASW20000 MA-COM-MASW20000_15 Datasheet
514Kb / 5P
Very Broadband Performance
More results

Similar Description - MASW20000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW20000 MACOM-MASW20000 Datasheet
87Kb / 2P
GaAs SPDT Switch DC - 20 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hexawave, Inc
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Teledyne Technologies I...
TDSW020A2T TELEDYNE-TDSW020A2T Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com