Electronic Components Datasheet Search
  English  ▼

X  

MASW20000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW20000
Description  GaAs SPDT Switch DC - 20 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW20000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW20000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW20000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW20000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW20000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs SPDT Switch
DC - 20 GHz
Rev. V5
MASW20000
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Permanent damage to the MASW20000 may occur if the
following precautions are not adhered to:
A. Cleanliness - The MASW20000 should be handled in
a clean environment.
DO NOT attempt to clean
assembly after the MASW20000 is installed.
B. Static Sensitivity - All die handling equipment and
personnel should be DC grounded.
C. Transients - Avoid instrument and power supply
transients
while
bias
is
connected
to
the
MASW20000. Use shielded signal and bias cables
to minimize inductive pick-up.
D. Bias - Apply voltage to either control port A1/B2 or
A2/B1 only when the other is grounded. Neither port
should be allowed to “float”.
E. General Handling - It is recommended that the
MASW20000 chip be handled along the long side of
the die with a sharp pair of bent tweezers. DO NOT
touch the surface of the chip with fingers or
tweezers.
Mounting
The MASW20000 is back-metallized with Pd/Ni/Au
(100/1,000/30,000Å) metallization. It can be die-mounted
using Au/Sn eutectic preforms or a thermally conductive
epoxy. The package surface should be clean and flat
before attachment.
Eutectic Die Attach:
A. An 80/20 Au/Sn preform is recommended with a
work surface temperature of approximately 255°C
and a tool temperature of 265°C. When hot 90/10
nitrogen/hydrogen gas is applied, solder temperature
should be approximately 290°C.
B. DO NOT expose the MASW20000 to a temperature
greater than 320°C for more than 20 seconds. No
more than 3 seconds of scrubbing should be
required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place the
MASW20000 into position. A thin epoxy fillet should
be visible around the perimeter of the die.
B. Cure epoxy per manufacturer’s recommended
schedule.
C. Electrically conductive epoxy is recommended but is
not required.
Wire Bonding
A. Ball or wedge bond with 1.0 mil diameter pure gold
wire. Gold ribbon (3.0 mil x 0.5 mil) may also be
used. Thermo sonic wire bonding with a nominal
stage temperature of 150°C and a ball bonding force
of 40 to 50 grams or wedge bonding force of 18 to
22 grams is recommended. Ultrasonic energy and
time should be adjusted to the minimum levels to
achieve reliable wirebonds.
B. Wirebonds should be started on the chip and termi-
nated on the package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com