Electronic Components Datasheet Search
  English  ▼

X  

CXOSESM5 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # CXOSESM5
Description  CXO OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CXOSESM5 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  CXOSESM5 Datasheet HTML 1Page - RSG Electronic Components GmbH CXOSESM5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V
DD
-0.5 V to 7.0 V
Storage Temperature
-55
OC to +125OC
Maximum Process Temperature 260
OC for 20 seconds
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10106 Rev F
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available. Please contact factory.
Supply Voltage
1
300 kHz to 120 MHz
2
5.0 V
10%
300 kHz to 170 MHz
2
3.3 V
10%
Calibration Tolerance
3
100 ppm
Frequency Stability
50 ppm for Commercial
Over Temperature
4
100 ppm for Industrial
100 ppm for Military
Supply Current
3.3 V
5.0 V
(Typical)
10 MHz
2 mA
4 mA
24 MHz
4 mA
8 mA
30 MHz
6 mA
10 mA
40 MHz
8 mA
12 mA
50 MHz
10 mA
14 mA
CMOS
5
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
6 ns MAX
Duty Cycle
40% MIN, 60% MAX
Aging, first year
10 ppm MAX
Shock, survival
6
3,000 g, 0.3 ms, 1/2 sine
Vibration, survival
7
20 g , 10-2000 Hz swept sine
Operating Temp. Range -10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
1. Other voltages available. Contact factory.
2. Not all frequencies available at all voltage/enable combinations.
3. Other tolerances available.
4. Does not include calibration tolerance. Other tolerances available.
5. Higher CMOS loads and TTL loads available. Contact factory.
6. Higher shock version available. Contact factory about CXOHG.
7. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also
available.
Note: All parameters are measured at ambient temperature with a 10M
Ω,15 pF load.
PACKAGING OPTIONS
CXO
- Tray Pack
- 16 mm tape, 7˝ or 13˝ reels
Per EIA 418 (see Tape and Reel data sheet 10109)
+
_
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER CXO SURFACE MOUNT CRYSTAL OSCILLATORS
“S” if special,
custom design,
or if the voltage
is not 5.0 V.
Otherwise,
leave blank.
CXO
S
T
SM3
32.0M ,
Frequency
K = kHz
M = MHz
Enable/Disable Option
E, T or N
Terminations
Blank = SM1
= Gold Plated
SM3 = Solder Dipped
SM5 = Solder Dipped
Lead Free
100
/
100
/
/
I
//
200
/
I
Temp. Range:
C= -10
OC to +70OC
I
= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
C= -10
OC to +70OC
I
= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 25
0C
(in ppm)
OR
Pb
ET
When enabled (PIN 1 is high*)
Output
Freq. output
Freq. output
Oscillator
Oscillates
Oscillates
Current consumption
Normal
Normal
When disabled (PIN 1 is low)
Output
High Z state
High Z state
Oscillator
Stops
Oscillates
Current consumption
Very low
Lower than normal
When re-enabled (PIN 1 changes from low to high)
Output recovery
Delayed
Immediate
ENABLE/DISABLE OPTIONS (E/T/N)
Statek offers three enable/disable options: E, T, and N.
Both the E-version and T-version have Tri-State outputs
and differ in whether the oscillator continues to run
internally when the output is put into the high Z state: it
stops in the E-version and continues to run in the
T-version. So, the E-version offers very low current
consumption when the oscillator is disabled and the
T-version offers very fast output recovery when the
oscillator is re-enabled. The N-version does not have
PIN 1 connected internally and so has no enable/disable
capability.
The following table summarizes the three
options.
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
COMPARISON OF
ENABLE/DISABLE OPTIONS E AND T
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com