Electronic Components Datasheet Search
  English  ▼

X  

CXOSESM5 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CXOSESM5
Description  CXO OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CXOSESM5 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CXOSESM5 Datasheet HTML 1Page - RSG Electronic Components GmbH CXOSESM5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YS
TEM
CERTIFIC
AT
01
10106 Rev F
DESCRIPTION
Statek’s surface-mount CXO oscillators consist of a Statek
miniature quartz crystal and a CMOS/TTL compatible hybrid
circuit in a low-profile ceramic package with a small footprint.
In addition to the conventional solder or epoxy electrical
connection techniques, bond pads on the topside of the CXO
allow it to be connected electrically in a hybrid assembly using
wire bonds.
FEATURES
Designed for surface mount applications using infrared,
vapor phase, or epoxy mount techniques
CMOS and TTL compatible
Low power consumption
Optional Output Enable/Disable with Tri-State
Low EMI emission
High shock resistance
Full military testing available
Hermetically sealed ceramic package
Wire bond pads for hybrids
APPLICATIONS
Military & Aerospace
Smart munitions
Cockpit systems
Navigation
Industrial, Computer & Communications
Industrial controls
Instrumentation
Microprocessor clocks
Medical
Infusion pumps
0.070 (1.78)
0.060 (1.52)
0.135 (3.43)
0.140 (3.56)
GRID
PLACEMENT
COURTYARD
0.130 (3.30)
0.275 (6.99)
inches (mm)
CXO OSCILLATOR
300 kHz to 170 MHz
Low Profile Miniature Surface Mount
Crystal Oscillator
™
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.400
10.16
0.405
10.29
B
0.180
4.57
0.190
4.83
C (SM1)
0.051
1.30
0.055
1.40
C (SM3/SM5) 0.055
1.40
0.063
1.60
D
0.340
8.64
0.350
8.89
E
0.125
3.18
0.135
3.43
F
0.050
1.27
0.060
1.52
SUGGESTED LAND PATTERN
0330
T60M
TOP
BOTTOM
A
B
C
F
E
D
32
23
14
4
1
PACKAGE DIMENSIONS
actual size
side view
PIN CONNECTIONS
1. Enable/Disable (E or T) or not connected (N)
2. Ground
3. Output
4.
VDD
Pb
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - CXOSESM5

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOS CRYSTEKCRYSTAL-CXOS Datasheet
119Kb / 1P
Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
CXOSD CRYSTEKCRYSTAL-CXOSD Datasheet
113Kb / 1P
Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, Clipped Sine
CXOSD-AA-25.000 CRYSTEKCRYSTAL-CXOSD-AA-25.000 Datasheet
113Kb / 1P
Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, Clipped Sine
CXOSD-AA3-25.000 CRYSTEKCRYSTAL-CXOSD-AA3-25.000 Datasheet
113Kb / 1P
Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, Clipped Sine
CXOSD-AB-25.000 CRYSTEKCRYSTAL-CXOSD-AB-25.000 Datasheet
113Kb / 1P
Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, Clipped Sine
More results

Similar Description - CXOSESM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
OSCILLATOR
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
logo
List of Unclassifed Man...
7X-50.000MBB-T ETC2-7X-50.000MBB-T Datasheet
335Kb / 1P
3.2 x 2.5 mm SMD CMOS CXO 7X SERIES
7C-24.576MBB-T ETC2-7C-24.576MBB-T Datasheet
356Kb / 1P
5 x 3.2 mm SMD CMOS CXO 7C SERIES
7C-6000MBB-T ETC2-7C-6000MBB-T Datasheet
356Kb / 1P
5 x 3.2 mm SMD CMOS CXO 7C SERIES
BFSERIES ETC2-BFSERIES Datasheet
398Kb / 1P
7X5MM SMD LVDS CXO BF SERIES
BBSERIES ETC2-BBSERIES Datasheet
694Kb / 1P
7X5MM SMD LVPECL CXO BB SERIES
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com