Electronic Components Datasheet Search
  English  ▼

X  

SW-311-PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-311-PIN
Description  Match GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-311-PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-311-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-311-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-311-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-311-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Match GaAs SPST Switch,
DC-3.0 GHz with TTL/CMOS Control Input
Rev. V7
SW-311-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: (From –55°C to +85°C), Z0 = 50Ω
1,2
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
1.3
1.2
1.0
0.8
VSWR
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.5:1
1.4:1
1.3:1
1.2:1
Isolation
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
dB
dB
dB
dB
27
36
50
65
—
—
—
—
—
—
—
—
Trise, Tfall
—
ns
—
4
—
Ton, Toff
—
ns
—
12
—
Transients
—
mV
—
40
—
1 dB Compression
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+21
+27
—
—
IP2
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+62
+68
—
—
IP3
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+40
+46
—
—
Test Conditions
—
—
—
10% to 90%
1.3V CTL to 90% / 10%
In-Band
Input Power
Two-Tone Input Power up
to
+5 dBm
Two-Tone Input Power up
to
+5 dBm
Vin Low
0V to 0.8V
—
µA
—
—
1
Vin High
2.0V to 5.0V
—
µA
—
—
1
Vcc
+5.0V ± 10%
—
mA
—
—
1
Vee
-5.0V to -8.0V
—
mA
—
—
1
1. All specifications apply when operated with bias voltages of +5V for Vcc and –5V for Vee.
2. When DC blocks are used, a 10K ohm return to GND is required on the RFC port.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com