Electronic Components Datasheet Search
  English  ▼

X  

SW-311-PIN Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SW-311-PIN
Description  Match GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-311-PIN Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SW-311-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-311-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-311-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-311-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Match GaAs SPST Switch,
DC-3.0 GHz with TTL/CMOS Control Input
Rev. V7
SW-311-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Max Input Power
50 MHz
500 - 3000 MHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin5
-0.5V ≤ Vin ≤ VCC + 0.5V
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
5.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Switch)
Control Input
Condition of Switch
C1
RF1 to RF2
0
ON
1
OFF
Isolation vs. Frequency
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3
F re que nc y ( G H z)
0 = TTL Low; 1 = TTL High
Typical Performance Curves
Insertion Loss vs. Frequency
0
0.5
1
1.5
2
0.0
0.5
1.0
1.5
2.0
2.5
3
F re que nc y ( G H z)
+ 85°C
+ 25°C
- 55 °C
VSWR vs. Frequency
1.00
1.20
1.40
1.60
1.80
2.00
0.0
0.5
1.0
1.5
2.0
2.5
3
F re que nc y ( GH z)
VSW R On
V SW R Of f



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com