Electronic Components Datasheet Search
  English  ▼

X  

24AA024 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24AA024
Description  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA024 Datasheet(HTML) 5 Page - Microchip Technology

  24AA024_09 Datasheet HTML 1Page - Microchip Technology 24AA024_09 Datasheet HTML 2Page - Microchip Technology 24AA024_09 Datasheet HTML 3Page - Microchip Technology 24AA024_09 Datasheet HTML 4Page - Microchip Technology 24AA024_09 Datasheet HTML 5Page - Microchip Technology 24AA024_09 Datasheet HTML 6Page - Microchip Technology 24AA024_09 Datasheet HTML 7Page - Microchip Technology 24AA024_09 Datasheet HTML 8Page - Microchip Technology 24AA024_09 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21210M-page 5
24AA024/24LC024/24AA025/24LC025
2.0
PIN DESCRIPTIONS
Pin Function Table
2.1
SDA Serial Data
SDA is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open-drain
terminal; therefore, the SDA bus requires a pull-up
resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.2
SCL Serial Clock
The SCL input is used to synchronize the data transfer
from and to the device.
2.3
A0, A1, A2
The levels on the A0, A1 and A2 inputs are compared
with the corresponding bits in the slave address. The
chip is selected if the compare is true.
Up to eight 24AA024/24LC024/24AA025/24LC025
devices may be connected to the same bus by using
different Chip Select bit combinations. These inputs
must be connected to either VCC or VSS.
2.4
WP (24XX024 Only)
WP is the hardware write-protect pin. It must be tied to
VCC or VSS. If tied to Vcc, hardware write protection is
enabled. If WP is tied to Vss, the hardware write
protection is disabled. Note that the WP pin is available
only on the 24XX024. This pin is not internally
connected on the 24LC025.
2.5
Noise Protection
The 24AA024/24LC024/24AA025/24LC025 employs a
VCC threshold detector circuit which disables the
internal erase/write logic if the VCC is below 1.5V at
nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation, even on a noisy bus.
3.0
FUNCTIONAL DESCRIPTION
The 24AA024/24LC024/24AA025/24LC025 supports
a bidirectional, 2-wire bus and data transmission
protocol. A device that sends data onto the bus is
defined as transmitter, while a device receiving data
is defined as receiver. The bus has to be controlled
by a master device that generates the Serial Clock
(SCL), controls the bus access and generates the
Start and Stop conditions, while the 24AA024/
24LC024/24AA025/24LC025 works as slave. Both
master and slave can operate as transmitter or
receiver, but the master device determines which
mode is activated.
Name
PDIP
SOIC
TSSOP
DFN/TDFN
MSOP
Description
A0
1
1
1
1
1
Address Pin AO
A1
2
2
2
2
2
Address Pin A1
A2
3
3
3
3
3
Address Pin A2
VSS
44
44
4
Ground
SDA
5
5
5
5
5
Serial Address/Data I/O
SCL
6
66
66
Serial Clock
WP
7
7
7
7
7
Write-Protect Input
VCC
8
8
8
8
8
+1.7 to 5.5V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com