Electronic Components Datasheet Search
  English  ▼

X  

24AA024 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA024
Description  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA024 Datasheet(HTML) 1 Page - Microchip Technology

  24AA024_09 Datasheet HTML 1Page - Microchip Technology 24AA024_09 Datasheet HTML 2Page - Microchip Technology 24AA024_09 Datasheet HTML 3Page - Microchip Technology 24AA024_09 Datasheet HTML 4Page - Microchip Technology 24AA024_09 Datasheet HTML 5Page - Microchip Technology 24AA024_09 Datasheet HTML 6Page - Microchip Technology 24AA024_09 Datasheet HTML 7Page - Microchip Technology 24AA024_09 Datasheet HTML 8Page - Microchip Technology 24AA024_09 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21210M-page 1
24AA024/24LC024/24AA025/24LC025
Device Selection Table
Features:
• Single Supply with Operation from 1.7V to 5.5V
for 24AA024/24AA025 Devices, 2.5V for
24LC024/24LC025 Devices
• Low-Power CMOS Technology:
- Read current 1 mA, typical
- Standby current 1
μA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms Maximum
• Self-timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect on 24XX024 Devices
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
DFN, TDFN and MSOP
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA024/24LC024/
24AA025/24LC025 is a 2 Kbit Serial Electrically
Erasable PROM with a voltage range of 1.7V to 5.5V.
The device is organized as a single block of 256 x 8-bit
memory with a 2-wire serial interface. Low current
design permits operation with typical standby and
active currents of only 1
μA and 1 mA, respectively.
The device has a page write capability for up to 16
bytes of data. Functional address lines allow the
connection of up to eight 24AA024/24LC024/
24AA025/24LC025 devices on the same bus for up to
16K bits of contiguous EEPROM memory. The device
is available in the standard 8-pin PDIP, 8-pin SOIC
(3.90 mm), TSSOP, 2x3 DFN and TDFN and MSOP
packages.
Package Types
Block Diagram
Part
Number
VCC
Range
Max
Clock
Temp.
Range
Write
Protect
24AA024
1.7V-5.5V
400 kHz(1)
IYes
24AA025
1.7V-5.5V
400 kHz(1)
INo
24LC024
2.5V-5.5V
400 kHz
I, E
Yes
24LC025
2.5V-5.5V
400 kHz
I, E
No
Note 1:
100 kHz for VCC < 2.5V
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
Note:
WP pin is not internally connected on the
24XX025.
8
7
6
5
1
2
3
4
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP*
2K I2C™ Serial EEPROM


Similar Part No. - 24AA024_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA024 MICROCHIP-24AA024_07 Datasheet
402Kb / 26P
2K I2C??Serial EEPROM
2007
More results

Similar Description - 24AA024_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA024 MICROCHIP-24AA024 Datasheet
328Kb / 22P
2K I2C Serial EEPROM
2004
24AA024 MICROCHIP-24AA024_07 Datasheet
402Kb / 26P
2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
2K I2C??Serial EEPROM
2009
24LC02BP MICROCHIP-24LC02BP Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02B-I-SN MICROCHIP-24LC02B-I-SN Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC024-IP MICROCHIP-24LC024-IP Datasheet
538Kb / 30P
2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com