Electronic Components Datasheet Search
  English  ▼

X  

MP111 Datasheet(PDF) 2 Page - Cirrus Logic

Part # MP111
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP111 Datasheet(HTML) 2 Page - Cirrus Logic

  MP111 Datasheet HTML 1Page - Cirrus Logic MP111 Datasheet HTML 2Page - Cirrus Logic MP111 Datasheet HTML 3Page - Cirrus Logic MP111 Datasheet HTML 4Page - Cirrus Logic MP111 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP111
2
MP111U
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE
1
5
mV
OFFSET VOLTAGE vs. temperature
Full temperature range
20
50
µV/°C
OFFSET VOLTAGE vs. supply
20
µV/V
BIAS CURRENT, initial3
100
pA
BIAS CURRENT vs. supply
0.1
pA/V
OFFSET CURRENT, initial
50
pA
INPUT RESISTANCE, DC
1011
Ω
INPUT CAPACITANCE
4
pF
COMMON MODE VOLTAGE RANGE
+VB - 15
V
COMMON MODE VOLTAGE RANGE
-VB + 15
V
COMMON MODE REJECTION, DC
92
dB
NOISE
1MHz bandwidth, 1kΩ RS
10
µV RMS
GAIN
OPEN LOOP @ 15Hz
RL = 10KΩ, CC = 33pF
96
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
CC = 33pF
6
MHz
PHASE MARGIN
Full temperature range
45
degrees
OUTPUT
VOLTAGE SWING
IO = 15A
+VS - 10
+VS - 8.4
V
VOLTAGE SWING
IO = -15A
-VS + 10
-VS + 5.8
V
VOLTAGE SWING
IO = 15A, +VB = +VS +10V
+VS - 0.8
V
VOLTAGE SWING
IO = -15A, -VB = -VS -10V
-VS + 1.0
V
CURRENT, continuous, DC
15
A
SLEW RATE, AV = -20
CC = 33pF
100
130
V/µS
SETTLING TIME, to 0.1%
2V Step
1
µS
RESISTANCE
No load, DC
3
Ω
POWER BANDWIDTH 80VP-P
CC = 33pF, +VS = 50V, -VS = -50V
500
kHz
POWER SUPPLY
VOLTAGE
±15
±45
±50
V
CURRENT, quiescent
142
157
mA
THERMAL
RESISTANCE, AC, junction to case5
Full temperature range, f
≥ 60Hz
.65
°C/W
RESISTANCE, DC, junction to case
Full temperature range, f < 60Hz
.88
°C/W
RESISTANCE, junction to air
Full temperature range
13
°C/W
TEMPERATURE RANGE, case
-40
85
°C
EXTERNAL CONNECTIONS
SUPPLY VOLTAGE, +VS to -VS
100V
SUPPLY VOLTAGE, +VB
+VS + 15V6
SUPPLY VOLTAGE, -VB
-VS – 15V6
OUTPUT CURRENT, peak
50A, within SOA
POWER DISSIPATION, internal, DC
170W
INPUT VOLTAGE
+VB to -VB
DIFFERENTIAL INPUT VOLTAGE
±25V
TEMPERATURE, pin solder, 10s
225°C.
TEMPERATURE, junction2
175°C.
TEMPERATURE RANGE, storage
-40 to 105°C.
OPERATING TEMPERATURE, case
-40 to 85°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com