Electronic Components Datasheet Search
  English  ▼

X  

MP111 Datasheet(PDF) 3 Page - Cirrus Logic

Part # MP111
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP111 Datasheet(HTML) 3 Page - Cirrus Logic

  MP111 Datasheet HTML 1Page - Cirrus Logic MP111 Datasheet HTML 2Page - Cirrus Logic MP111 Datasheet HTML 3Page - Cirrus Logic MP111 Datasheet HTML 4Page - Cirrus Logic MP111 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP111
MP111U
3
30
100
1K
10K 30K
0.001
0.01
0.1
FREQUENCY, F (Hz)
HARMONIC DISTORTION
A
V = 10
C
C = 33pF
V
S = 50V
R
L = 4Ω
P O
= 75W
0
3
6
9
12
15
0
1
2
3
4
5
6
7
OUTPUT VOLTAGE SWING
OUTPUT CURRENT, I
O (A)
W/O BOOST FROM
+V
S
W/O BOOST
FROM -VS
WITH BOOST
FROM +VS
WITH BOOST
FROM -VS
T
C=25°C
50mS PULSE
8
9
1
10
SUPPLY TO OUTPUT DIFFERENTIAL, V
S-VO (V)
10
100
1
50
SAFE OPERATING AREA
DC, T
C=85°C
DC, T
C=25°C
10mS, T
C=25°C
1mS, T
C=25°C
100S, T
C=25°C
-40 -20
0
20 40
80
90
100
110
120
CASE TEMPERATURE T
C (°C)
QUIESCENT CURRENT vs. TEMP.
V
S
130
V
B
TOTAL
60 80 100
20
40
60
80
100
84
88
92
96
100
TOTAL SUPPLY VOLTAGE, V
S (V)
QUIESCENT CURRENT vs. SUPPLY
T
C = 25°C
104
T
C = 85°C
T
C = -40°C
-50 -25
0
25
50
75 100
70
80
90
100
110
120
130
CASE TEMPERATURE, T
C (°C)
CURRENT LIMIT
10 100 1K 10K
0
20
40
60
80
SMALL SIGNAL RESPONSE W/ BOOST
FREQUENCY, F (Hz)
100K 1M 10M
100
120
1
2
1
3
10
100
1K 10K
0
20
40
60
80
SMALL SIGNAL RESPONSE W/O BOOST
FREQUENCY, F (Hz)
100K 1M 10M
100
120
2
3
1
FREQUENCY, F(Hz)
100
10
10K
100K
1M
5M
POWER RESPONSE
100K
1M
10M
-180
-150
-120
-90
-60
PHASE RESPONSE W/O BOOST
FREQUENCY, F (Hz)
1 C
C = 33pF
2 C
C = 68pF
3 C
C = 100pF
R
L = 4Ω
I
O = 1A
2
3
1
10K
100K
1M
10M
-180
-150
-120
-90
-60
PHASE RESPONSE W/ BOOST
FREQUENCY, F (Hz)
1
2 3
-40 -20
0
20 40 60 80 100
0
40
80
120
160
POWER DERATING
CASE TEMPERATURE, T
C (°C)
180
20
60
100
140
1 C
C = 33pF
2 C
C = 68pF
3 C
C = 100pF
R
L = 4Ω
I
O = 1A
1 C
C = 100pF
2 C
C = 220pF
3 C
C = 470pF
R
L = 4Ω
I
O = 1A DC
1 C
C = 33pF
2 C
C = 68pF
3 C
C = 100pF
R
L = 4Ω
I
O = 1A DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com