Electronic Components Datasheet Search
  English  ▼

X  

PA03 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA03
Description  Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA03 Datasheet(HTML) 2 Page - Cirrus Logic

  PA03 Datasheet HTML 1Page - Cirrus Logic PA03 Datasheet HTML 2Page - Cirrus Logic PA03 Datasheet HTML 3Page - Cirrus Logic PA03 Datasheet HTML 4Page - Cirrus Logic PA03 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA03 • PA03A
2
PA02U
ABSOLUTEMAXIMUMRATINGS
PA03
PA03A
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
± .5
± 2
± .25
± .5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
10
30
5
10
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
8
*
µV/V
OFFSET VOLTAGE, vs. power
Full temperature range
20
10
µV/W
BIAS CURRENT, initial
T
C = 25°C
5
50
3
10
pA
BIAS CURRENT, vs. supply
T
C = 25°C
.01
*
pA/V
OFFSET CURRENT, initial
T
C = 25°C
2.5
50
1.5
10
pA
INPUT IMPEDANCE, DC
T
C = 25°C
1011
*
Ω
INPUT CAPACITANCE
T
C = 25°C
6
*
pF
COMMON MODE VOLTAGE RANGE3
Full temperature range
± V
S –10V
*
V
COMMON MODE REJECTION, DC
Full temp. range, V
CM = ±20V
86
108
*
*
dB
SHUTDOWN CURRENT4
Full temperature range
100
*
µA
SHUTDOWN VOLTAGE
Full temp. range, amp enabled
.85
*
V
SHUTDOWN VOLTAGE
Full temp. range, amp disabled
3.5
*
V
GAIN
OPEN LOOP GAIN at 10Hz
Full temp. range, full load
92
102
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz T
C = 25°C, full load
1
*
MHz
POWER BANDWIDTH
T
C = 25°C, IO = 15A, VO = 88VPP
30
*
kHz
PHASE MARGIN
Full temp. range, C
C = 1.8nF
65
*
°
OUTPUT
VOLTAGE SWING3
T
C = 25°C, IO = 30A
± V
S –7
6.2
*
*
V
VOLTAGE SWING3
Full temp. range, I
O = 12A
± V
S –5
4.2
*
*
V
VOLTAGE SWING3
Full temp. range, I
O = 146mA
± V
S –4
3.5
*
*
V
CURRENT, peak
T
C = 25°C
30
*
A
SETTLING TIME to .1%
T
C = 25°C, 10V step
8
*
µs
SLEW RATE
T
C = 25°C, CC - open
8
*
V/µs
CAPACITIVE LOAD
Full temp. range, A
V = 1
2
*
nF
SHUTDOWN DELAY
T
C = –25°C, disable
10
*
µs
T
C = –25°C, operate
20
*
µs
POWER SUPPLY
VOLTAGE
Full temperature range
± 15
± 50
± 75
*
*
*
V
CURRENT, quiescent6
T
C = 25°C
125
300
*
*
mA
CURRENT, disable mode
Full temperature range
25
40
*
*
mA
THERMAL
RESISTANCE, AC junction to case5
Full temp. range, F>60Hz
.22
.28
*
*
°C/W
RESISTANCE, DC junction to case
Full temp. range, F<60Hz
.25
.3
*
*
°C/W
RESISTANCE, junction to ambient
Full temperature range
14
*
°C/W
TEMPERATURE, junction
Sustained operation
150
*
°C
TEMPERATURE RANGE, case
Meets full range specification
– 25
85
*
*
°C
SPECIFICATIONS
SUPPLY VOLTAGE, +V
S to –VS
150V
OUTPUT CURRENT, within SOA
Internally limited
POWER DISSIPATION, internal
500W
INPUT VOLTAGE, differential
±25V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder-10s
300°C
TEMPERATURE, junction1
175°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMP. RANGE, case
–55 to +125°C
SHUTDOWN VOLTAGE, differential
±5V
SHUTDOWN VOLTAGE, common mode
±V
S
NOTES: *
The specification of PA03A is identical to the specification for PA03 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation to achieve
high MTTF.
2. The power supply voltage for all specifications is the TYP rating unless noted as a test condition.
3. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if both shutdown inputs are least 1V inside supply rails. If one of the shutdown inputs is tied to a supply rail, the
current in that pin may increase to 2.4mA.
5. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
6. The PA03 must be used with a heatsink or the quiescent power may drive the unit into thermal shutdown.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com