Electronic Components Datasheet Search
  English  ▼

X  

PA03 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA03
Description  Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA03 Datasheet(HTML) 3 Page - Cirrus Logic

  PA03 Datasheet HTML 1Page - Cirrus Logic PA03 Datasheet HTML 2Page - Cirrus Logic PA03 Datasheet HTML 3Page - Cirrus Logic PA03 Datasheet HTML 4Page - Cirrus Logic PA03 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA03 • PA03A
PA02U
3
0
0
100
300
500
POWER DERATING
–15
105
.25
64
256
BIAS CURRENT
4
.06
10
100
10K
.1M
FREQUENCY, F (Hz)
1
100
10M
FREQUENCY, F (Hz)
–20
0
60
120
SMALL SIGNAL RESPONSE
20
40
80
100
1
100
.1M
10M
–210
–150
–60
0
PHASE RESPONSE
–90
–30
0
5
20
25
OUTPUT CURRENT, I
O (A)
1
HARMONIC DISTORTION
TIME, t (µS)
40
TOTAL SUPPLY VOLTAGE, V
S (V)
.4
1.4
.6
1.2
OUTPUT VOLTAGE SWING
1
10K
FREQUENCY, F (Hz)
COMMON MODE REJECTION
40
80
120
.1M
10
100
0
PULSE RESPONSE
50
100
CASE TEMPERATURE, T
C (°C)
0
40
CURRENT LIMIT
30
INPUT NOISE
1K
1K
5
45
65
85
16
200
POWER RESPONSE
10
60
80
100
120
140
1.0
25
75
10
10
1K 10K .1M 1M
400
10
10K
1M
FREQUENCY, F (Hz)
1K
1M
20
60
100
5
10
15
20
25
30
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
2
3
4
5
6
7
.8
1
125
50
CASE TEMPERATURE, T
C (°C)
–180
–120
25
FREQUENCY, F (Hz)
FREQUENCY, F (Hz)
40
80
120
160
200
20
–50 –25
0
2
4
6
10
20
5K
10K
50K 100K
300K
150
10
20
30
40
50
100
3K
QUIESCENT CURRENT
30
100
300
1K
3K
10K 30K
1.0
0.3
0.1
.03
.01
.003
30
15
C
C = 470pF
T C=
–55°C
T C=
25°C
T C=
125°C
V
IN = .5V, AV = 10
R
L =.5Ω
T
C =
85°C
T C=
25°C
T C =
125°C
T C=
–25°C
V
S = 50V
A
V = 10
P
O = 200W
R
L = 4Ω
0
CASE TEMPERATURE, T
C (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com