Electronic Components Datasheet Search
  English  ▼

X  

PA10 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA10
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA10 Datasheet(HTML) 1 Page - Cirrus Logic

  PA10 Datasheet HTML 1Page - Cirrus Logic PA10 Datasheet HTML 2Page - Cirrus Logic PA10 Datasheet HTML 3Page - Cirrus Logic PA10 Datasheet HTML 4Page - Cirrus Logic PA10 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA10 • PA10A
PA10U
1
PA10, PA10A
3
4
5
6
2
1
7
8
A1
D1
Q1
Q4
Q3
Q5
C1
Q2A
Q2B
Q6B
Q6A
TYPICAL APPLICATION
FIGURE 1. VOLTAGE-TO-CURRENT CONVERSION
DC and low distortion AC current waveforms are delivered
to a grounded load by using matched resistors (A and B
sections) and taking advantage of the high common mode
rejection of the PA10.
Foldover current limit is used to modify current limits based
on output voltage.When load resistance drops to 0, the current
is limited based on output voltage.When load resistance drops
to 0, the current limit is 0.79A resulting in an internal dissipa-
tion of 33.3 W. When output voltage increases to 36V, the
current limit is 1.69A. Refer to Application Note 9 on foldover
limiting for details.
EXTERNAL CONNECTIONS
S
R
R2B
.82Ω
.82Ω
–42V
+42V
R2A
R1A
PA10
R1B
LOAD
0-24Ω
CONTROL
FEATURES
•GAIN bANdwIdTh PROdUCT — 4Mhz
•TEMPERATURE RANGE — –55 to +125°C (PA10A)
•EXCELLENT LINEARITY — Class A/b Output
•wIdE SUPPLY RANGE — ±10V to ±50V
•hIGh OUTPUT CURRENT — ±5A Peak
APPLICATIONS
•MOTOR, VALVE ANd ACTUATOR CONTROL
•MAGNETIC dEFLECTION CIRCUITS UP TO 4A
•POwER TRANSdUCERS UP TO 100khz
•TEMPERATURE CONTROL UP TO 180w
•PROGRAMMAbLE POwER SUPPLIES UP TO 90V
•AUdIO AMPLIFIERS UP TO 60w RMS
dESCRIPTION
The PA10 and PA10A are high voltage, high output current
operational amplifiers designed to drive resistive, inductive
and capacitive loads. For optimum linearity, the output stage
is biased for class A/B operation. The safe operating area
(SOA) can be observed for all operating conditions by selec-
tion of user programmable current limiting resistors. Both
amplifiers are internally compensated for all gain settings. For
continuous operation under load, a heatsink of proper rating
is recommended.
This hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible isolation washers voids the warranty.
EQUIVALENT SChEMATIC
CL+
+V
+IN
–IN
–V
FO
CL–
OUT
S
S
TOP VIEW
RCL+
RCL–
OUTPUT
1
2
3
4
5
6
7
8
Power Operational Amplifier
PA10 • PA10A
P r o d u c t I n n o v a t i o n F r o m
8-PIN TO-3
PACKAGE STYLE CE
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PA10UREVR


Similar Part No. - PA10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA10 ETC-PA10 Datasheet
61Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA10 APEX-PA10 Datasheet
233Kb / 4P
POWER OPERATIONAL AMPLIFIER
PA10 CIRRUS-PA10 Datasheet
344Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Vishay Siliconix
PA100 VISHAY-PA100 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Tyco Electronics
PA100 MACOM-PA100 Datasheet
66Kb / 2P
L Series - Power Entry Modules
More results

Similar Description - PA10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com