Electronic Components Datasheet Search
  English  ▼

X  

PA10 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA10
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA10 Datasheet(HTML) 3 Page - Cirrus Logic

  PA10 Datasheet HTML 1Page - Cirrus Logic PA10 Datasheet HTML 2Page - Cirrus Logic PA10 Datasheet HTML 3Page - Cirrus Logic PA10 Datasheet HTML 4Page - Cirrus Logic PA10 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA10 • PA10A
PA10U
3
0
10K
FREQUENCY, F (Hz)
0
COMMON MODE REJECTION
40
80
120
.1M
10
100
1K
1M
20
60
100
0
TIME, t (µs)
PULSE RESPONSE
–8
2
4
6
8
10 12
–6
–4
–2
0
2
4
6
8
V
IN = ±5V, tr = 100ns
0
20
40
60
80 100 120
TEMPERATURE, T (°C)
0
10
30
50
POWER DERATING
20
70
140
40
60
PA10
PA10A
T = T
C
T = T
A
–50 –25
50
100
CASE TEMPERATURE, T
C (°C)
0
3.0
CURRENT LIMIT
2.5
0
25
75
1.0
1.5
.5
2.0
R
CL = 0.6Ω
R
CL = 0.3Ω
125
3.5
–50
0
100
.4
1.0
2.2
2.5
BIAS CURRENT
1.6
.7
–25
25
50
75
1.9
125
1.3
CASE TEMPERATURE, T
C ( C)
10K
20K
50K
.1M
FREQUENCY, F (Hz)
4.6
POWER RESPONSE
30K
70K
6.8
10
15
22
32
46
68
100
|+V
S | + |–VS | = 30V
S
S
|+V
S | + |–VS | = 80V
|+V
S | + |–VS | = 100V
10
100
10K
.1M
FREQUENCY, F (Hz)
INPUT NOISE
1K
10
20
30
40
50
70
100
100
1K
3K
.1M
FREQUENCY, F (Hz)
.003
.3
3
HARMONIC DISTORTION
.01
.1
1
300
10K 30K
.03
A
V = 10
V
S
= ±38V
R
L = 8Ω
P O
= 50mW
P O
= 2W
P O
=
60W
40
100
TOTAL SUPPLY VOLTAGE, V
S (V)
.4
.6
1.6
QUIESCENT CURRENT
.8
1.4
50
60
70
80
90
1.2
1.0
T
C =
-25°C
T
C =
25°C
T
C =
85°C
T
C =
125°C
0
2
3
OUTPUT CURRENT, I
O (A)
2
6
OUTPUT VOLTAGE SWING
3
5
1
5
1
4
TC =
25°C
TC =
25°
to 85°C
TC =
25°C
TC =
25°
to 85°C
4
–VO
+VO
1
100
10M
FREQUENCY, F (Hz)
–20
0
60
120
SMALL SIGNAL RESPONSE
20
40
80
100
10
1K 10K .1M 1M
1
100
.1M
10M
–140
–100
–40
0
PHASE RESPONSE
–60
–20
1K
10
10K
1M
FREQUENCY, F (Hz)
–120
–80
–180
–160



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com