Electronic Components Datasheet Search
  English  ▼

X  

PA13 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA13
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA13 Datasheet(HTML) 1 Page - Cirrus Logic

  PA13 Datasheet HTML 1Page - Cirrus Logic PA13 Datasheet HTML 2Page - Cirrus Logic PA13 Datasheet HTML 3Page - Cirrus Logic PA13 Datasheet HTML 4Page - Cirrus Logic PA13 Datasheet HTML 5Page - Cirrus Logic PA13 Datasheet HTML 6Page - Cirrus Logic PA13 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PA13 • PA13A
PA13U
1
P r o d u c t I n n o v a t i o n F r o m
PA13, PA13A
FEATURES
♦LOWTHERMALRESISTANCE—1.1°C/W
♦CURRENTFOLDOVERPROTECTION
♦EXCELLENTLINEARITY—ClassA/BOutput
♦WIDESUPPLYRANGE—±10Vto±45V
♦HIGHOUTPUTCURRENT—Upto±15APeak
APPLICATIONS
♦MOTOR,VALVEANDACTUATORCONTROL
♦MAGNETICDEFLECTIONCIRCUITS
UPTO10A
♦POWERTRANSDUCERSUPTO100kHz
♦TEMPERATURECONTROLUPTO360W
♦PROGRAMMABLEPOWERSUPPLIES
UPTO90V
♦AUDIOAMPLIFIERSUPTO120WRMS
EQUIVALENT SCHEMATIC
12
2
1
5
9
3
7
A1
D1
Q1
Q4
Q3
Q5
C1
Q2A
Q2B
Q6B
Q6A
4
11
10
6
8
Power Operational Amplifier
PA13 • PA13A
P r o d u c t I n n o v a t i o n F r o m
DESCRIPTION
ThePA13isastateofthearthighvoltage,veryhigh
outputcurrentoperationalamplifierdesignedtodrive
resistive,inductiveandcapacitiveloads.Foroptimum
linearity, especially at low levels, the output stage is
biasedforclassA/Boperationusingathermistorcom-
pensated base-emitter voltage multiplier circuit. The
safeoperatingarea(SOA)canbeobservedforallop-
eratingconditionsbyselectionofuserprogrammable
currentlimitingresistors.Forcontinuousoperationun-
derload,aheatsinkofproperratingisrecommended.
ThePA13isnotrecommendedforgainsbelow–3(in-
verting)or+4(non-inverting).
Thishybridintegratedcircuitutilizesthickfilm(cermet)
resistors,ceramiccapacitorsandsemiconductorchips
tomaximizereliability,minimizesizeandgivetopper-
formance.Ultrasonicallybondedaluminumwirespro-
videreliableinterconnectionsatalloperatingtemper-
atures.The12-pinpowerSIPpackageiselectrically
isolated.
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
www.cirrus.com
AUG 2009
APEX − PA13REVO
1
2
3
4
5
6
7
8
9
10
11
12
–IN
+IN
OUTPUT
F.O.
–V
+V
–CL
+CL
–RCL
+RCL
S
S
12-pin SIP
PACKAGE
STYLE DP
Formedleadsavaliable
SeepackagestyleEE
EXTERNAL CONNECTIONS


Similar Part No. - PA13

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA13 APEX-PA13 Datasheet
226Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
775Kb / 7P
Power Operational Amplifier
logo
List of Unclassifed Man...
PA13 ETC2-PA13 Datasheet
713Kb / 7P
Power Operational Amplifier
logo
API Technologies Corp
PA13-1580-005SA APITECH-PA13-1580-005SA Datasheet
72Kb / 1P
SALES DRAWING
More results

Similar Description - PA13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com