Electronic Components Datasheet Search
  English  ▼

X  

PA13 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA13
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA13 Datasheet(HTML) 4 Page - Cirrus Logic

  PA13 Datasheet HTML 1Page - Cirrus Logic PA13 Datasheet HTML 2Page - Cirrus Logic PA13 Datasheet HTML 3Page - Cirrus Logic PA13 Datasheet HTML 4Page - Cirrus Logic PA13 Datasheet HTML 5Page - Cirrus Logic PA13 Datasheet HTML 6Page - Cirrus Logic PA13 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA13 • PA13A
4
PA13U
P r o d u c t I n n o v a t i o n F r o m
POWER RATING
Notallvendorsusethesamemethodtoratethepowerhan-
dling capability of a Power OpAmp.Apex Precision Power
rates the internal dissipation, which is consistent with rating
methodsusedbytransistormanufacturersandgivesconser-
vative results. Rating delivered power is highly application
dependent and therefore can be misleading. For example,
the135WinternaldissipationratingofthePA13couldbeex-
pressedasanoutputratingof260Wforaudio(sinewave)or
as440WifusingasingleendedDCload.Pleasenotethatall
vendorsratemaximumpowerusinganinfiniteheatsink.
THERMAL STABILITY
Apex Precision Power has eliminated the tendency of class
A/B output stages toward thermal runaway and thus has
vastlyincreasedamplifierreliability.Thisfeature,notfoundin
most other Power OpAmps, was pioneered byApex Preci-
sionPowerin1981usingthermistorswhichassureanegative
temperaturecoefficientinthequiescentcurrent.Thereliability
benefitsofthisaddedcircuitryfaroutweightheslightincrease
incomponentcount.
TYPICAL PERFORMANCE GRAPHS
–V =
L * 1
t
YOKE DRIVER:
47µF
.1µF
.1µF
47µF
–22V
+73V
R
1K
R
.2Ω
C
50pF
2.5VP-P
R
2K
11,12
2
1
5,6
3
R
.5Ω
7.8mH
4Ω
5Ap-p
D
F
CL+
F
S
HIGH CURRENT ASYMMETRICAL SUPPLY
7,8
9,10
R
.2Ω
CL–
PA13
TYPICAL APPLICATION
–50
0
100
.7
1.9
2.2
BIAS CURRENT
1.3
.4
10
100
10K
.1M
FREQUENCY, F (Hz)
1
100
10M
FREQUENCY, F (Hz)
–20
0
60
120
SMALL SIGNAL RESPONSE
20
40
80
100
1
100
.1M
10M
–210
–150
–60
0
PHASE RESPONSE
–90
–30
10K
20K
50K
.1M
FREQUENCY, F (Hz)
4.6
100
1K
3K
.1M
FREQUENCY, F (Hz)
.003
.3
3
HARMONIC DISTORTION
.01
.1
1
40
100
TOTAL SUPPLY VOLTAGE, V
S (V)
.4
.6
1.6
QUIESCENT CURRENT
.8
1.4
0
OUTPUT CURRENT, I
O (A)
OUTPUT VOLTAGE SWING
1
10K
FREQUENCY, F (Hz)
0
COMMON MODE REJECTION
40
80
120
.1M
10
100
0
TIME, t (µs)
PULSE RESPONSE
–50 –25
50
100
CASE TEMPERATURE, T
C (°C)
0
15.0
CURRENT LIMIT
12.5
300
10K 30K
1
INPUT NOISE
1K
10
20
30
1K
–25
25
50
75
1.6
POWER RESPONSE
30K
50
60
70
80
90
1.2
0
25
75
5.0
7.5
-8
10
1K 10K .1M 1M
10
10K
1M
FREQUENCY, F (Hz)
2.5
10.0
1K
1M
20
60
100
2
4
6
8
10 12
-6
-4
-2
0
2
4
6
8
70K
6.8
10
15
22
32
46
68
100
.03
1.0
125
1.0
125
17.5
CASE TEMPERATURE, T
C (°C)
–180
–120
40
50
70
100
2.5
3
6
9
12
15
2
3
4
5
6
R
CL = .18Ω, RFO = 0
R
CL = .06Ω, RFO = ∞
V
O =
0
V
O =
24V
V
O = 0
V
O = –24V
| +V
S | + | –VS | = 100V
| +V
S | – | –VS | = 80V
| +V
S | + | –VS | = 30V
V
IN = 5V, tr = 100ns
P O
= 100mW
T
C =
–25°C
P O
= 4W
A
V =10
V
S = 37V
R
L = 4Ω
P O
=
120W
T
C =
25°C
T
C =
85°C
T
C =
125°C
–V
O
+V
O
0
20
40
60
80 100 120
CASE TEMPERATURE, T
C (°C)
0
20
60
100
POWER DERATING
40
140
140
80
120
PA13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com