Electronic Components Datasheet Search
  English  ▼

X  

PA92 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA92
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA92 Datasheet(HTML) 4 Page - Cirrus Logic

  PA92 Datasheet HTML 1Page - Cirrus Logic PA92 Datasheet HTML 2Page - Cirrus Logic PA92 Datasheet HTML 3Page - Cirrus Logic PA92 Datasheet HTML 4Page - Cirrus Logic PA92 Datasheet HTML 5Page - Cirrus Logic PA92 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA92
4
PA92U
HARMONIC DISTORTION
100
1K
10K
100k
FREQUENCY F (Hz)
135
90
PHASE RESPONSE
10
100
10K
100K
FREQUENCY, F (Hz)
100K
FREQUENCY, F (Hz)
–10
0
30
SMALL SIGNAL RESPONSE
10
20
40
50
0
3
4
OUTPUT CURRENT, I
O (A)
8.0
OUTPUT VOLTAGE SWING
7.5
7.0
8.5
0.0
0.4
0.6
1.0 1.2
RESISTOR VALUE, R
CL (Ω)
0
1
4
CURRENT LIMIT
2
3
10
EXT. COMPENSATION CAPACITOR, C
C (pF)
1
SLEW RATE
6
4
3
2
100
300
FREQUENCY, F (Hz)
25
50
100
CASE TEMPERATURE, T
C (°C)
1.2
NORMALIZED QUIESCENT CURRENT
1.0
0.2
0.8
INPUT NOISE VOLTAGE
1K
2
7
10
20
5
3
15
1
225
75
.001
1M
10M
270
180
125
1.4
1.6
2
6.5
60
30
20
10
8
40
30
.01
.1
1M
10M
C
C = 150pF
C
C = 100pF
C
C = 47pF
C
C = 10pF
C
C = 150pF
C
C = 100pF
C
C = 47pF
C
C = 10pF
0
25
50
75
100
125
CASE TEMPERATURE, T
C (°C)
0
20
60
POWER DERATING
40
80
P
O = 62W
P
O = 20W
P
O = 1W
POWER RESPONSE
FREQUENCY, F (Hz)
10K
100K
1M
10
100
400
C
C = 10pF
C
C = 47pF
C
C = 100pF
C
C = 150pF
1K
200
60



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com