Electronic Components Datasheet Search
  English  ▼

X  

PA240 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA240
Description  High Voltage Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA240 Datasheet(HTML) 1 Page - Cirrus Logic

  PA240 Datasheet HTML 1Page - Cirrus Logic PA240 Datasheet HTML 2Page - Cirrus Logic PA240 Datasheet HTML 3Page - Cirrus Logic PA240 Datasheet HTML 4Page - Cirrus Logic PA240 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA240
PA240U
1
PA240
FEATURES
•RoHSCOMPLIANT
•MONOLITHICMOSTECHNOLOGY
•LOWCOST
•HIGHVOLTAGEOPERATION—350V
•LOWQUIESCENTCURRENTTYP.—2.2mA
•NOSECONDBREAKDOWN
•HIGHOUTPUTCURRENT—120mAPEAK
APPLICATIONS
•TELEPHONERINGGENERATOR
•PIEZOELECTRICPOSITIONING
•ELECTROSTATICTRANSDUCER&DEFLECTION
•DEFORMABLEMIRRORFOCUSING
•PACKAGINGOPTIONS
7TO-220withstaggeredLeadForm(PA240CX)
7DDPAKSurfaceMountPackage(PA240CC)
DESCRIPTION
The PA240 is a high voltage monolithic MOSFET operational
amplifier achieving performance features previously found only
in hybrid designs while increasing reliability.Inputs are protected
from excessive common mode and differential mode voltages.
The safe operating area (SOA) has no second breakdown
limitations. External compensation provides the user flexibility
in choosing optimum gain and bandwidth for the application.
The PA240 is packaged in two standard package designs.
The surface mount version of the PA240, the PA240CC,
is an industry standard non-hermetic plastic 7-pin DDPAK.
The through hole version of the PA240, the PA240CX, is an
industry standard non-hermetic plastic 7-pin TO-220 package.
The PA240CX is a staggered lead formed option that offers
industry standard 100 mil spacing. This allows for easier PC
board layout. (Please refer to package drawings for outline
dimensions.)
EQUIVALENTSCHEMATIC
A1
PA240
A2
PA240
20R
PIEZO
TRANSDUCER
20R
RN
20R
CN
R
VIN
–175
+175
–175
+175
10pF
10pF
LOW COST 660V p-p
PIEZO DRIVE
CC
CC
EXTERNALCONNECTIONS
PA240CC
PA240CX
A
A
For CC values, see graph on page 3.
Note: CC must be rated for full supply voltage.
DDPAK
PKG.STYLECC
TO-220
STAGGEREDLEADS
PKG.STYLECX
–IN
+V
S
–V
S
+IN
D2
D3 D4
D5
Q5
Q4
1
2
4
5
3
Q1
Q11
Q12
D1
Q2
Q6
Q8
Q13
SUB
Q14
Q10
Q3
I
OUT
COMP
COMP
6
7
High voltage considerations should be taken when designing
board layouts for the PA240.The PA240 may require a derate in
supply voltage depending on the spacing used for board layout.
The 15-mil and 14-mil minimum spacing of the 7 TO-220 and
7 DDPAK respectively is adequate to standoff the 350V rating
of the PA240. However, a supply voltage derate to 250V is
required if the spacing of circuit board artwork is less than 11
mils. In cases where the PA240 is used to its maximum voltage
rating, the PA240CX is recommended given that the staggered
lead form allows for 100-mil standard spacing.
The metal tabs of both the PA240CC and PA240CX pack-
ages are directly tied to -Vs.
TYPICALAPPLICATON
Reference Application Notes 3, 20 and 25
High Voltage Power Operational Amplifier
PA240
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PA240UREVF


Similar Part No. - PA240

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA240DCT ETC2-PA240DCT Datasheet
80Kb / 4P
PA and PB Series Panel Protection Devices
More results

Similar Description - PA240

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA92 APEX-PA92 Datasheet
243Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com