Electronic Components Datasheet Search
  English  ▼

X  

PA240 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA240
Description  High Voltage Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA240 Datasheet(HTML) 2 Page - Cirrus Logic

  PA240 Datasheet HTML 1Page - Cirrus Logic PA240 Datasheet HTML 2Page - Cirrus Logic PA240 Datasheet HTML 3Page - Cirrus Logic PA240 Datasheet HTML 4Page - Cirrus Logic PA240 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA240
2
PA240U
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
25
40
mV
OFFSET VOLTAGE, vs. temperature3
25°C to 85°C
100
250
µV/°C
OFFSET VOLTAGE, vs. temperature3
-25°C to 25°C
270
500
µV/°C
OFFSET VOLTAGE, vs supply
3
µV/V
OFFSET VOLTAGE, vs time
70
130
µV/kh
BIAS CURRENT, initial
50
200
pA
BIAS CURRENT, vs supply
2
pA/V
OFFSET CURRENT, initial
50
200
pA
INPUT IMPEDANCE, DC
1011
Ω
INPUT CAPACITANCE
6
pF
COMMON MODE, voltage range
+V
S–14
V
COMMON MODE, voltage range
-V
S+12
V
COMMON MODE REJECTION, DC
V
CM = ±90V DC
84
94
dB
NOISE, broad band
10kHz BW, R
S = 1K
50
µV RMS
NOISE, low frequency
1-10 Hz
125
µV p-p
GAIN
OPEN LOOP at 15Hz
R
L = 5K
90
96
dB
BANDWIDTH, gain bandwidth product
3
MHz
POWER BANDWIDTH
280V p-p
30
kHz
OUTPUT
VOLTAGE SWING
I
O = 40mA
±V
S–12
±V
S–10
V
CURRENT, peak3
120
mA
CURRENT, continuous
60
mA
SETTLING TIME to .1%
10V step, A
V = –10
2
µs
SLEW RATE
C
C = 3.3pF
30
V/µs
RESISTANCE4, 1mA
R
CL = 0
150
Ω
RESISTANCE4, 40 mA
R
CL = 0
5
Ω
POWER SUPPLY
VOLTAGE
±50
±150
±175
V
CURRENT, quiescent
2.2
2.5
mA
THERMAL
RESISTANCE, AC junction to case
F > 60Hz
5.9
6.85
°C/W
RESISTANCE, DC junction to case
F < 60Hz
7.7
8.9
°C/W
RESISTANCE, junction to air (CX)
Full temperature range
60
°C/W
RESISTANCE, junction to air (CC)5
Full temperature range
27
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
25
+85
°C
ABSOLUTEMAXIMUMRATINGS
SUPPLY VOLTAGE, +V
S to –VS
350V
OUTPUT CURRENT, continuous within SOA
60 mA
OUTPUT CURRENT, peak3
120 mA
POWER DISSIPATION, continuous @ T
C = 25°C
14W
INPUT VOLTAGE, differential
±16 V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder – 10 sec
220°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
TEMPERATURE RANGE, powered (case)
–40 to +125°C
The PA240 is constructed from MOSFET transistors. ESD handling procedures must be observed.
SPECIFICATIONS
NOTES: 1.
Unless otherwise noted T
C = 25°C, CC = 6.8pF. DC input specifications are ± value given. Power supply voltage is typical
rating.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to heatsink data sheet.
3.
Guaranteed but not tested.
4.
Since the PA240 has no current limit, load impedance must be large enough to limit output current to 120mA.
5.
Heat tab attached to 3/32" FR-4 board with 2oz. copper. Topside copper area (heat tab directly attached) = 1000 sq. mm,
backside copper area = 2500 sq. mm, board area = 2500 sq. mm.
PA240
CAUTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com