Electronic Components Datasheet Search
  English  ▼

X  

VRE205C Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE205C
Description  Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE205C Datasheet(HTML) 2 Page - Cirrus Logic

  VRE205C Datasheet HTML 1Page - Cirrus Logic VRE205C Datasheet HTML 2Page - Cirrus Logic VRE205C Datasheet HTML 3Page - Cirrus Logic VRE205C Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE205
2
VRE205DS
1. CHaRaCTERISTICS aND SPECIFICaTIONS
ElECTRICal SPECIFICaTIONS
V
PS =+15V, T = +25°C, RL = 10K Ω UnLESS OTHERWISE nOTED.
nOTES:
* Same as C Models.
1. Using the box method, the specified value is the maximum deviation from the output voltage at 25°C
over the specified operating temperature range.
2. The specified values are unloaded.
Model
C
Ca
M
Ma
Parameter
Min
Typ Max
Min
Typ Max
Min
Typ Max
Min
Typ Max
units
aBSOluTE MaXIMuM RaTINGS
Power Supply
+13.5
+22
*
*
*
*
*
*
V
Operating Temperature
-25
+85
*
*
-55
+125
-55
+125
ºC
Storage Temperature
-65
+150
*
*
*
*
*
*
ºC
Short Circuit Protection
Continuous
*
*
*
OuTPuT VOlTaGE
VRE205
±5
*
*
*
V
OuTPuT VOlTaGE ERRORS
Initial Error
±800
±400
±800
±400
µV
Warmup Drift
2
1
2
1
ppm
T
MIn - TMAX
(note1)
400
200
600
300
µV
Long-Term Stability
6
*
*
*
ppm/1000hrs
noise (0.1 - 10Hz)
3
*
*
*
µVpp
OuTPuT CuRRENT
Range
±10
*
*
*
mA
REGulaTION
Line
6
10
*
*
*
*
*
*
ppm/V
Load
3
*
*
*
ppm/mA
OuTPuT aDJuSTMENT
Range
10
*
*
*
mV
Temperature Coefficient
4
*
*
*
µV/ºC/mV
POWER SuPPlY CuRRENT (note 2)
VRE205 +PS
5
7
*
*
*
*
*
*
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com