Electronic Components Datasheet Search
  English  ▼

X  

VRE205C Datasheet(PDF) 3 Page - Cirrus Logic

Part # VRE205C
Description  Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE205C Datasheet(HTML) 3 Page - Cirrus Logic

  VRE205C Datasheet HTML 1Page - Cirrus Logic VRE205C Datasheet HTML 2Page - Cirrus Logic VRE205C Datasheet HTML 3Page - Cirrus Logic VRE205C Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE205
VRE205DS
3
Temperature oC
VRE205C
VOUT vs. TEMPERATURE
Temperature oC
VRE205CA
VOUT vs. TEMPERATURE
QUIESCENT CURRENT VS. TEMP
Temperature oC
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
Output Current (mA)
PSRR VS. FREQUENCY
Frequency (Hz)
Temperature oC
VRE205M
VOUT vs. TEMPERATURE
Temperature oC
VRE205MA
VOUT vs. TEMPERATURE
2. TYPICal PERFORMaNCE GRaPHS
3. THEORY OF OPERaTION
The following discussion refers to the schematic in Figure 1. A FET current source is used to bias a 6.3 V zener
diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the noninvert-
ing input of the operational amplifier which amplifies the voltage to produce a 5 V output. The gain is determined by
the resistor networks R3 and R4: G=1 + R4/R3. The 6.3 V zener diode is used because it is the most stable diode
over time and temperature.
The current source provides a closely regulated zener current, which determines the slope of the references’ volt-
age vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But
since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide tem-
perature ranges.
A nonlinear compensation network of thermistors and resistors is used in the VRE series voltage. This proprietary
network eliminates most of the nonlinearity in the voltage vs. temperature function. By then adjusting the slope, a
very stable voltage over wide temperature ranges is produced. This network is less than 2% of the overall network
resistance so it has a negligible effect on long term stability. By using highly stable resistors in our network, we pro-
duce a voltage reference that also has very good long term stability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com