Electronic Components Datasheet Search
  English  ▼

X  

J112 Datasheet(PDF) 2 Page - Motorola, Inc

Part # J112
Description  JFET Chopper Transistor (N-Channel- Depletion)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

J112 Datasheet(HTML) 2 Page - Motorola, Inc

  J112 Datasheet HTML 1Page - Motorola, Inc J112 Datasheet HTML 2Page - Motorola, Inc J112 Datasheet HTML 3Page - Motorola, Inc J112 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J112
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL SWITCHING CHARACTERISTICS
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 1. Turn–On Delay Time
RK = 0
TJ = 25°C
VGS(off) = 7.0 V
RK = RD′
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 2. Rise Time
RK = RD′
RK = 0
TJ = 25°C
VGS(off) = 7.0 V
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 3. Turn–Off Delay Time
RK = RD′
RK = 0
TJ = 25°C
VGS(off) = 7.0 V
1000
1.0
2.0
5.0
10
20
50
100
200
500
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 4. Fall Time
RK = RD′
RK = 0
TJ = 25°C
VGS(off) = 7.0 V
NOTE 1
The switching characteristics shown above were measured using a
test circuit similar to Figure 5. At the beginning of the switching
interval, the gate voltage is at Gate Supply Voltage (–VGG). The
Drain–Source Voltage (VDS) is slightly lower than Drain Supply
Voltage (VDD) due to the voltage divider. Thus Reverse Transfer
Capacitance (Crss) or Gate–Drain Capacitance (Cgd) is charged to
VGG + VDS.
During the turn–on interval, Gate–Source Capacitance (Cgs)
discharges through the series combination of RGen and RK. Cgd
must discharge to VDS(on) through RG and RK in series with the
parallel combination of effective load impedance (R
′D) and
Drain–Source Resistance (rds). During the turn–off, this charge flow
is reversed.
Predicting turn–on time is somewhat difficult as the channel
resistance rds is a function of the gate–source voltage. While Cgs
discharges, VGS approaches zero and rds decreases. Since Cgd
discharges through rds, turn–on time is non–linear. During turn–off,
the situation is reversed with rds increasing as Cgd charges.
The above switching curves show two impedance conditions;
1) RK is equal to RD, which simulates the switching behavior of
cascaded stages where the driving source impedance is normally
the load impedance of the previous stage, and 2) RK = 0 (low
impedance) the driving source impedance is that of the generator.
RGEN
50
Ω
VGEN
INPUT
RK
50
Ω
RGG
VGG
50
Ω
OUTPUT
RD
+VDD
RT
SET VDS(off) = 10 V
INPUT PULSE
tr
tf
PULSE WIDTH
DUTY CYCLE
≤ 0.25 ns
≤ 0.5 ns
= 2.0
µs
≤ 2.0%
RGG & RK
RD +
RD(RT
) 50)
RD ) RT ) 50
Figure 5. Switching Time Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com