Electronic Components Datasheet Search
  English  ▼

X  

LP3983 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3983
Description  For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3983 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP3983
LP3983-datasheet
Oct.-2005
7-7
Thermal Considerations
Thermal protection limits power dissipation in
LP3983. When the operation junction temperature
exceeds 165°C, the OTP circuit starts the thermal
shutdown function turn the pass element off. The
pass element turn on again after the junction
temperature cools by 30°C.
For continue operation, do not exceed absolute
maximum operation junction temperature 125°C. The
power dissipation definition in device is :
PD = (VIN−VOUT) x IOUT + VIN x IQ The maximum
power dissipation depends on the thermal resistance
of IC package, PCB layout, the rate of surroundings
airflow and temperature difference between junction
to ambient. The maximum power dissipation can be
calculated by following formula :
PD(MAX) = ( TJ(MAX) − TA ) /θJA Where TJ(MAX) is
the maximum operation junction temperature 125°C,
TA is the ambient temperature and the θJA is the
junction to ambient thermal resistance.
For
recommended
operating
conditions
specification of LP3983, where TJ(MAX) is the
maximum junction temperature of the die (125°C)
and TA is the maximum ambient temperature. The
junction to ambient thermal resistance (θJA is layout
dependent) for SOT-23-6 package is 250°C/W.
PD(MAX) = (125°C−25°C) / 250 = 400mW (SOT-23-6)
PD(MAX) = (125°C−25°C) / 165 = 606mW
The maximum power dissipation depends on
operating
ambient temperature for fixed TJ(MAX) and thermal
resistance θJA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com