Electronic Components Datasheet Search
  English  ▼

X  

LP3983 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3983
Description  For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3983 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP3983
LP3983-datasheet
Oct.-2005
1-1
For BaseBand,300mA,Ultra-LowNoise
Ultra-fast CMOS LDO Regrlator
General Description
The LP3983 is designed for portable RF and wireless
applications with demanding performance and space
requirements. The LP3983 performance is optimized for
battery-powered systems to deliver ultra low noise and
low quiescent current. A noise bypass pin is available
for further reduction of output noise. Regulator ground
current increases only slightly in dropout, further
prolonging the battery life. The LP3983 also works with
low-ESR ceramic capacitors, reducing the amount of
board space necessary for power applications, critical in
hand-held wireless devices. The LP3983 consumes
less than 0.01µA in shutdown mode and has fast
turn-on time less than 50µs. The other features include
ultra low dropout voltage, high output accuracy, current
limiting protection, and high ripple rejection ratio.
Available in the 5-lead of SOT-23-6 packages.
Pin Configurations
(SOT-23-6 )
Typical Application Circuit
R1
R2
Vin
Vout=1.25X(R1/R2+1)V
EN
3
Vout
6
SET
5
Vin
1
Bypass
4
LP3983AB6F
180K
3.5V
10nF
2.2uF
100K
100pF
2.2uF
Features
Ultra-Low-Noise for RF Application
2.5V- 6V Input Voltage Range
Low Dropout : 200mV @ 300mA
High PSSR:-70dB at 1KHz
< 0.01uA Standby Current When Shutdown
TTL-Logic-Controlled Shutdown Input
Custom Voltage Available
Ultra-Fast Response in Line/Load Transient
Quick Start-Up (Typically 50us)
Current Limiting and Thermal Shutdown Protection
Applications
PMP/PDA/MP3 players
Cellular and Mobile phone
RF Module
Sensor Module
Ordering Information
LP3983 -
□
□ □
□
F:PB-Free
Package Type
B6: SOT-23-6
Output Voltage:
A: Adjustable
Marking Information
Please see website.
Top View


Similar Part No. - LP3983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3983 NSC-LP3983 Datasheet
166Kb / 10P
Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
logo
Texas Instruments
LP3983 TI2-LP3983 Datasheet
396Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
REVISED MARCH 2013
logo
Lowpower Semiconductor ...
LP3983H POWER-LP3983H Datasheet
512Kb / 10P
Ultra-Low-Noise for RF Application
logo
Texas Instruments
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
logo
National Semiconductor ...
LP3983ITL-1.6 NSC-LP3983ITL-1.6 Datasheet
166Kb / 10P
Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
More results

Similar Description - LP3983

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3987 POWER-LP3987 Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com