Electronic Components Datasheet Search
  English  ▼

X  

LP4062-B5F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP4062-B5F
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4062-B5F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP4062-B5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 7Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 8Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary
Datasheet
LP4062
LP4062 –00
Ver. 1.0 Datasheet
Nov.-2007
Page 1 of 13
600mA Standalone Linear Li-Ion Battery Charger with
Thermal Regulation in ThinSOT
General Description
The LP4062 is a complete constant-current/constant-
voltage linear charger for single cell lithium-ion batteries.
Its ThinSOT package and low external component count
make the LP4062 ideally suited for portable applications.
Furthermore, the LP4062 is specifically designed to work
within USB power specifications. No external sense resistor
is needed, and no blocking diode is required due to the
internal MOSFET architecture. Thermal feedback regulates
the charge current to limit the die temperature during high
power operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The LP4062
automatically terminates the charge cycle when the charge
current drops to 1/10th the programmed value after the final
float voltage is reached. Other features include charge
current monitor, under-voltage lockout, automatic recharge
and a status pin to indicate charge termination and the
presence of an input voltage.
Order Information
LP4062 - □ □ □ □
□
F: Pb-Free
Package Type
B5: SOT23-5
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Programmable Charge Current Up to 600mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in ThinSOT Package
for Single Cell Lithium-ion Batteries
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize
Charge Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
Preset 4.2V Charge Voltage with ± 1% Accuracy
Available in SOT23-5 Package
Charge Current Monitor Output for Gas
Gauging
Automatic Recharge
2.9V Trickle Charge Threshold
C/10 Charge Termination
Typical Application Circuit
LP4062B5F
2
4
5
3
1
GND
VCC
PROG
BAT
CHRG
+
1uF
BATT
LED
R
3.3K
+
1uF
Vin
Marking Information
Please see website.


Similar Part No. - LP4062-B5F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4060A-B5F POWER-LP4060A-B5F Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4061 POWER-LP4061 Datasheet
478Kb / 7P
800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
LP4063 POWER-LP4063 Datasheet
376Kb / 6P
800mA Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP4062-B5F

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com