Electronic Components Datasheet Search
  English  ▼

X  

LP4062-B5F Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP4062-B5F
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4062-B5F Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP4062-B5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 7Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 8Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary
Datasheet
LP4062
LP4062 –00
Ver. 1.0 Datasheet
Nov.-2007
Page 3 of 13
Function Block Diagram
Absolute Maximum Ratings
Input Supply Voltage-------------------------------------------------------------------------------------- -0.3V to 12V
PROG----------------------------------------------------------------------------------------------- -0.3V to Vcc+0.3V
BAT Pin Current--------------------------------------------------------------------------------------------------- 600mA
BAT Short-circuit Duration----------------------------------------------------------------------------------Continuous
PROG Pin Current---------------------------------------------------------------------------------------------------800uA
Operation Temperature Range------------------------------------------------------------------------ --40℃ to 85℃
Junction Temperature ----------------------------------------------------------------------------------------------- 125℃
Storage Temperture ------------------------------------------------------------------------------------- --65℃ to 125℃
Lead Temp(Soldering,10sec) -------------------------------------------------------------------------------------- 300℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com