Electronic Components Datasheet Search
  English  ▼

X  

LP78084 Datasheet(PDF) 15 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 15 Page - Lowpower Semiconductor inc

Back Button LP78084 Datasheet HTML 11Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 12Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 13Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 14Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 15Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 16Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 17Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 18Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 19Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 15 of 22
Undervoltage Charge Current Limiting (UVCL)
The battery charger in the LP78084 includes undervoltage
charge current limiting that prevents full charge current
until the input supply voltage reaches approximately
300mV above the battery voltage ( △Vuvcl1). This feature
is particularly useful if the LP78084 is powered from a
supply with long leads (or any relatively high output
impedance). See Applications Information section for
further details.
Trickle Charge and Defective Battery Detection
At the beginning of a charge cycle, if the battery voltage is
below 2.95V, the battery charger goes into trickle charge
mode, reducing the charge current to 10% of the
programmed current. If the low battery voltage persists for
one quarter of the total time (1.125 hr), the battery is
assumed to be defective, the charge cycle terminates and
the STAT pin output pulses at a frequency of 2Hz with a
75% duty cycle. If, for any reason, the battery voltage rises
above 2.95V, the charge cycle will be restarted. To restart
the charge cycle (i.e., when the dead battery is replaced
with a discharged battery less than 2.95V), the charger
must be reset by removing the input voltage and reapplying
it or temporarily pulling the EN_BAT pin below the enable
threshold.
Battery Charger Shutdown Mode
The LP78084’s battery charger can be disabled by pulling
the EN_BAT pin below the shutdown threshold (VIL ). In
shutdown mode, the battery drain current is reduced to less
than 2 A
and the ADP supply current to about 5 A
provided the regulator is off. When the input voltage is not
present, the battery charger is in shutdown and the battery
drain current is less than 5 A.
STAT Status Output Pin
The charge status indicator pin has three states: pulldown,
pulse at 2Hz (see Defective Battery Detection) and high
impedance. The pulldown state indicates that the battery
charger is in a charge cycle. A high impedance state
indicates that the charge current has dropped below 10% of
the full-scale current or the battery charger is disabled.
When the timer runs out (4.5 hrs), the STAT pin is also
forced to the high impedance state. If the battery charger is
not in constant-voltage mode when the charge current
is forced to drop below 10% of the full-scale current by
UVCL, STAT will stay in the strong pulldown state.
Charge Current Soft-Start and Soft-Stop
The LP78084’s battery charger includes a soft-start circuit
to minimize the inrush current at the start of a charge cycle.
When a charge cycle is initiated, the charge current ramps
from
zero
to
full-scale
current
over
a
period
of
approximately 120uS. Likewise, internal circuitry slowly
ramps the charge current from full-scale to zero when the
battery charger is turned off or self terminates. This has the
effect of minimizing the transient current load on the power
supply during start-up and charge termination.
Timer and Recharge
The LP78084’s battery charger has an internal termination
timer that starts when the input voltage is greater than the
undervoltage lockout threshold and at least 11 0mV above
BAT, and the battery charger is leaving shutdown.
At power-up or when exiting shutdown, the charge time is
set to 4.5 hours. Once the charge cycle terminates, the
battery charger continuously monitors the BAT pin voltage
using a comparator with a 2ms filter time. When the average
battery voltage falls below 4.05V (which corresponds to
80%-90% battery capacity), a new charge cycle is initiated
and a 2.25 hour timer begins. This ensures that the battery is
kept at, or near, a fully charged condition and eliminates the
need for periodic charge cycle initiations. The STAT output
assumes a strong pulldown state during recharge cycles until
C/10 is reached or the recharge cycle terminates.
SWITCHING REGULATOR OPERATION:
The switching regulator in the LP78084 can be turned on by
pulling the ENB pin above VIH .
Main Control Loop
The switching uses a slop-compensated constant frequency,
current mode PWM architecture. Both the main (P-Channel
MOSFET) and synchronous (N-channel MOSFET) switches
are internal. During normal operation, the buck converter
regulates output voltage by switching at a constant
frequency and then modulating the power transferred to the
load each cycle using PWM comparator. It sums three
weighted differential signals: the output feedback voltage
from an external resistor divider, the main switch current
sense, and the slope-compensation ramp. It modulates
output power by adjusting the inductor-peak current during
the first half of each cycle. An N-channel, synchronous
switch turns on during the second half of each cycle (off
time). When the inductor current starts to reverse or when
the PWM reaches the end of the oscillator period, the
synchronous switch turns off. This keep excess
current from flowing backward through the inductor, from
the output capacitor to GND, or through the main and
synchronous switch to GND.
Switching Regulator Undervoltage Lockout
Whenever VINB is less than 2.6V, an undervoltage lockout
circuit keeps the regulator off, preventing unreliable
operation. However, if the regulator is already running and
the
battery
voltage
is
dropping,
the
undervoltage
comparator does not shut down the regulator until VIN B
drops below 2.4V.
Thermal Consideration
To avoid the switching regulator from exceeding the
maximum junction temperature, the user will need to do a
thermal analysis. The goal of the thermal analysis is to
determine whether the operating conditions exceed the
maximum
junction
temperature
of
the
part.
The
temperature rise is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com