Electronic Components Datasheet Search
  English  ▼

X  

LP78084 Datasheet(PDF) 19 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 19 Page - Lowpower Semiconductor inc

Back Button LP78084 Datasheet HTML 12Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 13Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 14Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 15Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 16Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 17Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 18Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 19Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 20Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 19 of 22
drop in capacitance value as their temperature increase from
25°C, an important consideration. The X5R generally
maintain their capacitance value within ± 20%. The X7R
type are desirable for their tighter tolerance of 10% over
temperature.
Power Dissipation and Junction Temperature
Specified regulator operation is assured to a junction
temperature of 160°C; the maximum junction temperature
should be restricted to 160°C under normal operating
conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the
junction temperature is within acceptable limits, calculate
the maximum allowable dissipation, PD(max), and the actual
dissipation, PD , which must be less than or equal to PD( m a x )
The maximum-power-dissipation limit is determined using
the following equation:
Where:
TJ M AX is the maximum allowable junction temperature. RJA is
the thermal resistance junction-to-ambient for the package
TA is the ambient temperature.
The regulator dissipation is calculated using:
Power dissipation resulting from quiescent current is negligible.
Excessive power dissipation triggers the thermal protection
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com