Electronic Components Datasheet Search
  English  ▼

X  

LM2575-12 Datasheet(PDF) 17 Page - Motorola, Inc

Part # LM2575-12
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575-12 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button LM2575-12 Datasheet HTML 13Page - Motorola, Inc LM2575-12 Datasheet HTML 14Page - Motorola, Inc LM2575-12 Datasheet HTML 15Page - Motorola, Inc LM2575-12 Datasheet HTML 16Page - Motorola, Inc LM2575-12 Datasheet HTML 17Page - Motorola, Inc LM2575-12 Datasheet HTML 18Page - Motorola, Inc LM2575-12 Datasheet HTML 19Page - Motorola, Inc LM2575-12 Datasheet HTML 20Page - Motorola, Inc LM2575-12 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LM2575
17
MOTOROLA ANALOG IC DEVICE DATA
GENERAL RECOMMENDATIONS
Output Voltage Ripple and Transients
Source of the Output Ripple
Since the LM2575 is a switch mode power supply
regulator, its output voltage, if left unfiltered, will contain a
sawtooth ripple voltage at the switching frequency. The
output ripple voltage value ranges from 0.5% to 3% of the
output voltage. It is caused mainly by the inductor sawtooth
ripple current multiplied by the ESR of the output capacitor.
Short Voltage Spikes and How to Reduce Them
The regulator output voltage may also contain short
voltage spikes at the peaks of the sawtooth waveform (see
Figure 24). These voltage spikes are present because of the
fast switching action of the output switch, and the parasitic
inductance of the output filter capacitor. There are some
other important factors such as wiring inductance, stray
capacitance, as well as the scope probe used to evaluate
these transients, all these contribute to the amplitude of these
spikes. To minimise these voltage spikes, low inductance
capacitors should be used, and their lead lengths must be
kept short. The importance of quality printed circuit board
layout design should also be highlighted.
Figure 24. Output Ripple Voltage Waveforms
HORTIZONTAL TIME BASE: 10
µs/DIV
UNFILITERED
OUTPUT
VOLTAGE
VERTICAL
RESOLUTION:
20 mV/DIV
FILITERED
OUTPUT
VOLTAGE
Voltage spikes caused by switching action of the output
switch and the parasitic inductance of the output capacitor
Minimizing the Output Ripple
In order to minimise the output ripple voltage it is possible
to enlarge the inductance value of the inductor L1 and/or to
use a larger value output capacitor. There is also another way
to smooth the output by means of an additional LC filter
(20
µH, 100 µF), that can be added to the output (see
Figure 33) to further reduce the amount of output ripple and
transients. With such a filter it is possible to
reduce the
output ripple voltage transients 10 times or more. Figure 24
shows the difference between filtered and unfiltered output
waveforms of the regulator shown in Figure 33.
The upper waveform is from the normal unfiltered output of
the converter, while the lower waveform shows the output
ripple voltage filtered by an additional LC filter.
Heatsinking and Thermal Considerations
The Through–Hole Package TO–220
The LM2575 is available in two packages, a 5–pin
TO–220(T, TV) and a 5–pin surface mount D2PAK(D2T).
There are many applications that require no heatsink to keep
the LM2575 junction temperature within the allowed
operating range. The TO–220 package can be used without
a heatsink for ambient temperatures up to approximately
50
°C (depending on the output voltage and load current).
Higher ambient temperatures require some heatsinking,
either to the printed circuit (PC) board or an external heatsink.
The Surface Mount Package D2PAK and its Heatsinking
The other type of package, the surface mount D2PAK, is
designed to be soldered to the copper on the PC board. The
copper and the board are the heatsink for this package and
the other heat producing components, such as the catch
diode and inductor. The PC board copper area that the
package is soldered to should be at least 0.4 in2 (or
100 mm2) and ideally should have 2 or more square inches
(1300 mm2) of 0.0028 inch copper. Additional increasing of
copper area beyond approximately 3.0 in2 (2000 mm2) will
not improve heat dissipation significantly. If further thermal
improvements are needed, double sided or multilayer PC
boards with large copper areas should be considered.
Thermal Analysis and Design
The following procedure must be performed to determine
whether or not a heatsink will be required. First determine:
1. PD(max) maximum regulator power dissipation in the
application.
2. TA(max)
maximum ambient temperature in the
application.
3. TJ(max)
maximum allowed junction temperature
(125
°C for the LM2575). For a conservative
design, the maximum junction temperature
should not exceed 110
°C to assure safe
operation. For every additional 10
°C
temperature rise that the junction must
withstand, the estimated operating lifetime of
the component is halved.
4. R
θJC
package thermal resistance junction–case.
5. R
θJA
package thermal resistance junction–ambient.
(Refer to Absolute Maximum Ratings in this data sheet or
R
θJC and RθJA values).
The following formula is to calculate the total power
dissipated by the LM2575:
PD = (Vin x IQ) + d x ILoad x Vsat
where d is the duty cycle and for buck converter
d
+
ton
T
+
V
O
V
in
,
IQ
(quiescent current) and Vsat can be found in the
LM2575 data sheet,
Vin
is minimum input voltage applied,
VO
is the regulator output voltage,
ILoad is the load current.
The dynamic switching losses during turn–on and turn–off
can be neglected if proper type catch diode is used.
Packages Not on a Heatsink (Free–Standing)
For a free–standing application when no heatsink is used,
the junction temperature can be determined by the following
expression:
TJ = (R
θJA) (PD) + TA
where (R
θJA)(PD) represents the junction temperature rise
caused by the dissipated power and TA is the maximum
ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com