Electronic Components Datasheet Search
  English  ▼

X  

LM2575-12 Datasheet(PDF) 19 Page - Motorola, Inc

Part # LM2575-12
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575-12 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button LM2575-12 Datasheet HTML 15Page - Motorola, Inc LM2575-12 Datasheet HTML 16Page - Motorola, Inc LM2575-12 Datasheet HTML 17Page - Motorola, Inc LM2575-12 Datasheet HTML 18Page - Motorola, Inc LM2575-12 Datasheet HTML 19Page - Motorola, Inc LM2575-12 Datasheet HTML 20Page - Motorola, Inc LM2575-12 Datasheet HTML 21Page - Motorola, Inc LM2575-12 Datasheet HTML 22Page - Motorola, Inc LM2575-12 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LM2575
19
MOTOROLA ANALOG IC DEVICE DATA
Figure 26. Inverting Buck–Boost
Regulator with Delayed Startup
D1
1N5819
L1
100
µH
Output
2
4
Feedback
Unregulated
DC Input
12 V to 25 V
Cin
100
µF
/50 V
1
3
5ON/OFF
Gnd
+Vin
Regulated
Output
–12 V @ 0.35 A
Cout
1800
µF
/16 V
LM2575–12
C1
0.1
µF
R1
47 k
R2
47 k
It has been already mentioned above, that in some
situations, the delayed startup or the undervoltage lockout
features could be very useful. A delayed startup circuit
applied to a buck–boost converter is shown in Figure 26.
Figure 32 in the “Undervoltage Lockout” section describes an
undervoltage lockout feature for the same converter
topology.
Figure 27. Inverting Buck–Boost Regulator Shut Down
Circuit Using an Optocoupler
LM2575–XX
1
3
5
Gnd
ON/OFF
+Vin
R2
47 k
Cin
100
µF
NOTE:
This picture does not show the complete circuit.
R1
47 k
R3
470
Shutdown
Input
MOC8101
–Vout
Off
On
5.0 V
0
+Vin
With the inverting configuration, the use of the ON/OFF pin
requires some level shifting techniques. This is caused by the
fact, that the ground pin of the converter IC is no longer at
ground. Now, the ON/OFF pin threshold voltage (1.4 V
approximately) has to be related to the negative output
voltage level. There are many different possible shut down
methods, two of them are shown in Figures 27 and 28.
Figure 28. Inverting Buck–Boost Regulator Shut Down
Circuit Using a PNP Transistor
NOTE:
This picture does not show the complete circuit.
R2
5.6 k
Q1
2N3906
LM2575–XX
1
3
5
Gnd
ON/OFF
R1
12 k
–Vout
+Vin
Shutdown
Input
Off
On
+V
0
+Vin
Cin
100
µF
Negative Boost Regulator
This example is a variation of the buck–boost topology and
is called a negative boost regulator. This regulator
experiences relatively high switch current, especially at low
input voltages. The internal switch current limiting results in
lower output load current capability.
The circuit in Figure 29 shows the negative boost
configuration. The input voltage in this application ranges
from –5.0 V to –12 V and provides a regulated –12 V output.
If the input voltage is greater than –12 V, the output will rise
above –12 V accordingly, but will not damage the regulator.
Figure 29. Negative Boost Regulator
1N5817
150
µH
Output
2
4
Feedback
Regulated
Output
Vout = –12 V
Load Current from
200 mA for Vin = –5.2 V
to 500 mA for Vin = –7.0 V
Unregulated
DC Input
–Vin = –5.0 V to –12 V
L1
D1
Cout
1000
µF
/16 V
Cin
100
µF
/50 V
LM2575–12
1
5
3
ON/OFF
Gnd
+Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com